Electronic Components Datasheet Search
  English  ▼

X  

LTC4218 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4218
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4218 Datasheet(HTML) 4 Page - Analog Devices

  LTC4218 Datasheet HTML 1Page - Analog Devices LTC4218 Datasheet HTML 2Page - Analog Devices LTC4218 Datasheet HTML 3Page - Analog Devices LTC4218 Datasheet HTML 4Page - Analog Devices LTC4218 Datasheet HTML 5Page - Analog Devices LTC4218 Datasheet HTML 6Page - Analog Devices LTC4218 Datasheet HTML 7Page - Analog Devices LTC4218 Datasheet HTML 8Page - Analog Devices LTC4218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT4200
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V
above OUT. Driving this pin to voltages beyond the clamp may damage
the device.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Characteristics
tPHL(GATE)
Input High (OV), Input Low (UV) to GATE Low
Propagation Delay
VGATE < 21.8V Falling
l
8
25
µs
tPHL(ILIM)
Short-Circuit to GATE Low
VFB = 0, Step SENSE+ – SENSE– to 50mV,
VGATE < 15V Falling
l
1
5
µs
tD(ON)
Turn-On Delay
Step VUV to 2V, VGATE > 13V
l
24
48
72
ms
tD(FAULT)
UV Low to Clear Fault Latch Delay
1
µs
tD(CB)
Circuit Breaker Filter Delay Time (Internal)
VFB = 0, Step SENSE+ – SENSE– to 50mV
l
0.25
0.45
0.7
ms
tD(COOL_DOWN) Cool Down Delay (Internal)
TIMER = INTVCC
l
600
900
1200
ms
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: SOA is tested with current limit folded back, VDD = 12V + 5%
or 12.6V and output shorted to GND. This condition is near the Spirito
region of the SOA curve. See the SOA Curve in the Typical Performance
Characteristic section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com