Electronic Components Datasheet Search
  English  ▼

X  

LTC4218 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4218
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4218 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4218 Datasheet HTML 9Page - Analog Devices LTC4218 Datasheet HTML 10Page - Analog Devices LTC4218 Datasheet HTML 11Page - Analog Devices LTC4218 Datasheet HTML 12Page - Analog Devices LTC4218 Datasheet HTML 13Page - Analog Devices LTC4218 Datasheet HTML 14Page - Analog Devices LTC4218 Datasheet HTML 15Page - Analog Devices LTC4218 Datasheet HTML 16Page - Analog Devices LTC4218 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT4200
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
reduced running current while the maximum available
current limit is used at start-up.
Monitor MOSFET Temperature
The voltage at the ISET pin increases linearly with increas-
ing temperature. The temperature profile of the ISET pin is
shown in the Typical Performance Characteristics section.
Using a comparator or ADC to measure the ISET voltage
provides an accurate indication of the MOSFET tempera-
ture. The ISET voltage follows Equation 5.
VISET =
RSET
RSET +RISET
•(T
+ 273°C) • 2.093 [mV/°C] (5)
The MOSFET temperature is calculated using RISET of 20k
(Equation 6).
T
=
RSET + 20k
(
)• VISET
RSET • 2.093 [mV/°C]
– 273
°C
(6)
When RSET is not present, T is given by Equation 7.
T
=
VISET
2.093 [mV/°C]
– 273
°C
(7)
There is an overtemperature circuit in the LT4200 that
monitors an internal voltage similar to the ISET pin volt-
age. When the die temperature exceeds 155°C the cir-
cuit turns off the MOSFET until the temperature drops
to 135°C.
Monitor MOSFET Current
The current in the MOSFET passes through an internal
0.3mΩ sense resistor. The voltage on the sense resistor is
converted to a current that is sourced out of the IMON pin.
The gain of ISENSE amplifier is 2µA/A referenced from the
MOSFET current. This output current can be converted to
a voltage using an external resistor to drive a comparator
or ADC. The voltage compliance for the IMON pin is from
0V to INTVCC − 0.7V.
A microcontroller with a built-in comparator can build a
simple integrating single-slope ADC by resetting a capaci-
tor that is charged with this current. When the capacitor
voltage trips the comparator and the capacitor is reset, a
timer is started. The time between resets will indicate the
MOSFET current.
Monitor OV and UV Faults
Protecting the load from an overvoltage condition is the
main function of the OV pin. In Figure 1 an external resis-
tive divider (driving the OV pin) connects to a comparator
to turn off the MOSFET when the VDD voltage exceeds
15.2V. If the VDD pin subsequently falls back below 14.9V,
the switch will be allowed to turn on immediately. In the
LT4200 the OV pin threshold is 1.235V when rising, and
1.215V when falling out of overvoltage.
The UV pin functions as an undervoltage protection pin
or as an “ON” pin. In the Figure 1 application the MOSFET
turns off when VDD falls below 9.23V. If the VDD pin sub-
sequently rises above 9.88V for 48ms, the switch will
be allowed to turn on again. The LT4200 UV turn-on/off
threshold are 1.235V (rising) and 1.155V (falling).
In the case of an undervoltage or overvoltage, the
MOSFET turns off and there is indication on the PG sta-
tus pin. When the overvoltage is removed, the MOSFET’s
gate ramps up immediately at the rate determined by the
INRUSH circuit.
Power Good Indication
In addition to setting the foldback current limit threshold,
the FB pin is used to determine a power good condition.
The Figure 1 application uses an external resistive divider
on the OUT pin to drive the FB pin. On the LT4200 the
PG comparator drives high when the FB pin rises above
1.235V and low when it falls below 1.215V.
Once the PG comparator is high the GATE pin voltage is
monitored with respect to the OUT pin. Once the GATE
minus OUT voltage exceeds 4.2V the PG pin goes high.
This indicates to the system that it is safe to load the OUT
pin while the MOSFET is completely turned “on”. The PG
pin goes low when the GATE is commanded off (using
the UV, OV or SENSE+ pins) or when the PG comparator
drives low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com