Electronic Components Datasheet Search
  English  ▼

X  

LTC4233 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4233
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4233 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4233 Datasheet HTML 2Page - Analog Devices LTC4233 Datasheet HTML 3Page - Analog Devices LTC4233 Datasheet HTML 4Page - Analog Devices LTC4233 Datasheet HTML 5Page - Analog Devices LTC4233 Datasheet HTML 6Page - Analog Devices LTC4233 Datasheet HTML 7Page - Analog Devices LTC4233 Datasheet HTML 8Page - Analog Devices LTC4233 Datasheet HTML 9Page - Analog Devices LTC4233 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT4200
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VDD = 12V unless otherwise noted.
GATE Pull-Up Current
vs Temperature
Gate Drive vs GATE Pull-Up
Current
Gate Drive vs VDD
VISET vs Temperature
Guaranteed MOSFET SOA Curve
RON vs Temperature
PG, FLT# VOUT Low vs ILOAD
IMON vs Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
4200 G10
DC
10ms
1ms
TEP = 25°C
SINGLE PULSE
VDS (V)
0.1
1
10
100
0.1
1
10
100
4200 G11
GUARANTEED
7.7ms SOA
CURRENT (mA)
0
14
12
10
8
6
4
2
0
6
10
4234 G12
2
4
8
12
VDD = 3.3V TO 12V
ILOAD = 50A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
90
95
100
105
110
4200 G13
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–23.0
–23.5
–24.0
–24.5
–25.0
4200 G14
VDD = 3.3V
VDD = 5V
VDD = 12V
IGATE (µA)
0
–5
–10
–15
–20
–25
–30
0
2
4
6
8
10
12
14
4200 G15
VDD (V)
3
6
9
12
15
6
7
8
9
10
11
12
13
4200 G16
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.3
0.4
0.5
0.6
0.7
0.8
0.9
ISET
4200 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com