Electronic Components Datasheet Search
  English  ▼

X  

LTC4233 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4233
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4233 Datasheet(HTML) 3 Page - Analog Devices

  LTC4233 Datasheet HTML 1Page - Analog Devices LTC4233 Datasheet HTML 2Page - Analog Devices LTC4233 Datasheet HTML 3Page - Analog Devices LTC4233 Datasheet HTML 4Page - Analog Devices LTC4233 Datasheet HTML 5Page - Analog Devices LTC4233 Datasheet HTML 6Page - Analog Devices LTC4233 Datasheet HTML 7Page - Analog Devices LTC4233 Datasheet HTML 8Page - Analog Devices LTC4233 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT4200
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
VDD
Input Supply Range
l
2.9
15
V
IDD
Input Supply Current
MOSFET On, No Load
l
1.6
3
mA
VDD(UVL)
Input Supply Undervoltage Lockout
VDD Rising
l
2.63
2.73
2.85
V
IOUT
OUT Leakage Current
VOUT = VGATE = 0V, VDD = 15V,
l
–700
700
µA
OUT Operating Current
VOUT = VGATE = 12V, VDD = 12V
l
1
2
4
µA
dVGATE/dt
OUT Turn-On Ramp Rate
GATE Open
l
0.15
0.35
0.6
V/ms
RON
MOSFET On-Resistance
Including Current Sense Resistor
l
0.6
1.2
2.2
mΩ
ILIM(TH)
Current Limit Threshold
VFB = 1.35V, ISET Open
VFB = 0V, ISET Open
VFB = 1.35V, RSET = 20k
l
l
l
50.2
4.6
23
57
6.8
28
63.8
9
33
A
A
A
SOA
MOSFET Safe Operating Area
12.6V, 6.8A Folded Back, 7.5W√s (Note 5)
7.7
ms
Inputs
IIN
OV, UV, FB Input Current
V = 1.2V
l
0
±1
µA
ISENSE+(IN)
SENSE+ Input Current
VSENSE+ = 12V
l
4
±10
µA
VTH
OV, UV, FB Threshold Voltage
VPIN Rising
l
1.205
1.235
1.265
V
∆VOV(HYST)
OV Hysteresis
l
10
20
30
mV
∆VUV(HYST)
UV Hysteresis
l
50
80
110
mV
VUV(RTH)
UV Reset Threshold Voltage
VUV Falling
l
0.55
0.62
0.7
V
∆VFB(HYST)
FB Power Good Hysteresis
l
10
20
30
mV
RISET
ISET Internal Resistor
l
19
20
21
kΩ
Outputs
VINTVCC
INTVCC Output Voltage
VDD = 5V,15V, ILOAD = 0mA, –10mA
l
2.7
3.1
3.4
V
VOL
PG, FLT# Output Low Voltage
I = 2mA
l
0.4
0.8
V
IOH
PG, FLT# Input Leakage Current
V = 30V
l
0
±10
µA
VTIMER(H)
TIMER High Threshold
VTIMER Rising
l
1.2
1.235
1.28
V
VTIMER(L)
TIMER Low Threshold
VTIMER Falling
l
0.1
0.21
0.3
V
ITIMER(UP)
TIMER Pull-Up Current
VTIMER = 0V
l
–80
–100
–120
µA
ITIMER(DN)
TIMER Pull-Down Current
VTIMER = 1.2V
l
1.4
2
2.6
µA
ITIMER(RATIO)
TIMER Current Ratio ITIMER(DN)/ITIMER(UP)
l
1.6
2
2.7
%
AIMON
IMON Current Gain
20A to 50A, TJ = 0°C to 125°C
1.92
2
2.08
µA/A
BWIMON
IMON Bandwidth
250
kHz
IOFF(IMON)
IMON Offset Current
IOUT = 1.5A, TJ = 0°C to 125°C
±3
µA
IGATE(UP)
Gate Pull-Up Current
Gate Drive On, VGATE = VOUT = 12V
l
–18
–24
–29
µA
IGATE(DN)
Gate Pull-Down Current
Gate Drive Off, VGATE = 22V, VOUT = 12V
l
165
500
µA
IGATE(FST)
Gate Fast Pull-Down Current
Fast Turn Off, VGATE = 22V, VOUT = 12V
140
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com