Electronic Components Datasheet Search
  English  ▼

X  

LTM8040 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM8040
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8040 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM8040 Datasheet HTML 7Page - Analog Devices LTM8040 Datasheet HTML 8Page - Analog Devices LTM8040 Datasheet HTML 9Page - Analog Devices LTM8040 Datasheet HTML 10Page - Analog Devices LTM8040 Datasheet HTML 11Page - Analog Devices LTM8040 Datasheet HTML 12Page - Analog Devices LTM8040 Datasheet HTML 13Page - Analog Devices LTM8040 Datasheet HTML 14Page - Analog Devices LTM8040 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT3935
11
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
25
23
15
+
–
+
INTERNAL VCC
REGULATOR
AND UVLO
2V REFERENCE
SYNCHRONOUS
CONTROLLER
S
R
Q
27
22
1
EN/UVLO
VIN
CIN
CVCC
REN1
RT
REN2
CREF
INTVCC
BST
BOTTOM SWITCH
DRIVER
TOP SWITCH
DRIVER
50m
4.7µF
8.2µH
VIN
VIN
SW
VREF
11
SYNC/SPRD
28
CTRL
N/C
–
+
+
200kHz TO
2MHz
OSCILLATOR
18
19
VOUT
CIN
14
ISN
3935 BD
6
ISP
5
FB
4
–
+
–
+
10
RT
2
SS
3
VC
CSS
CC
RSS
9
RP
200mV
950mV
1.4V
1.0V
20µA
GND
1.25µA
3k
3k
FAULT
LOGIC
FAULT
COMPARATORS
FAULT
LOGIC
CURRENT
REGULATION
AMPLIFIER
gm = 200µS
VOLTAGE
REGULATION
AMPLIFIER
gm = 480µS
PEAK CURRENT
COMPARATOR
1.25V
250mV
PWM
12
ISMON
10x
7
FAULT
INTVCC
INTVCC
RFB1
RFAULT
RFB2
8
–
+
+
CONTROL
BUFFER
30k
A/D
DETECTOR
INTVCC
+
–
+
–
–
+
17
100F
100nF
20
16
21
24
26
N/C
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com