Electronic Components Datasheet Search
  English  ▼

X  

LTM8040 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8040
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8040 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8040 Datasheet HTML 14Page - Analog Devices LTM8040 Datasheet HTML 15Page - Analog Devices LTM8040 Datasheet HTML 16Page - Analog Devices LTM8040 Datasheet HTML 17Page - Analog Devices LTM8040 Datasheet HTML 18Page - Analog Devices LTM8040 Datasheet HTML 19Page - Analog Devices LTM8040 Datasheet HTML 20Page - Analog Devices LTM8040 Datasheet HTML 21Page - Analog Devices LTM8040 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT3935
22
Rev. 0
For more information www.analog.com
11/21
www.analog.com
ANALOG DEVICES, INC. 2021
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT3932/
LT3932-1
36V, 2A, 2MHz, Step-Down LED Driver
VIN: 3.6V to 36V, VOUT(MAX) = 36V, 5000:1 True Color PWM Dimming, 4mm × 5mm QFN
LT3934S
36V, 4A, 2MHz, Step-Down LED Driver
VIN: 3.6V to 36V, VOUT(MAX) = 36V, 5000:1 True Color PWM Dimming, 4mm × 5mm QFN
LT8376
60V, 2A, 2MHz, Step-Down LED Driver
VIN: 3.6V to 60V, VOUT(MAX) = 60V, 5000:1 True Color PWM Dimming, 4mm × 5mm QFN
LT3922/
LT3922-1
40V, 2.3A, MHz, Synchronous Boost LED Driver VIN: 2.8V to 36V, VOUT(MAX) = 40V, 5000:1 True Color PWM™ Dimming,
4mm × 5mm QFN
LT3965
8-Switch Matrix LED Dimmer
VIN: 8V to 60V, Digital Programmable 256:1 PWM Dimming, I2C Multidrop Serial
Interface TSSOP-28E Package
LT3956
80V, 3.3A 1MHz, Step-Up/Down LED Driver
VIN: 4.5V to 80V, VOUT(MAX) = 80V, 3000:1 True Color PWM Dimming, 5mm × 6mm QFN
LT3477
42V, 3A, 3.5MHz, Step-Up/Down LED Driver
VIN: 2.5V to 25V, VOUT(MAX) = 40V, 4mm × 4mm QFN and TSSOP-20E
LT3478
42V, 4.5A, 2.5MHz, Step-Up/Down LED Driver
VIN: 2.5V to 26V, VOUT(MAX) = 42V, 3000:1 True Color PWM Dimming, TSSOP-16E
LTM8040
36V, 1A, μModule, Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13V, 250:1 True Color PWM Dimming,
9mm × 15mm × 4.32mm LGA
LTM8042
36V, 1A, μModule, Step-Up/Down LED Driver
VIN: 3V to 30V, VOUT(MAX) = 36V, 3000:1 True Color PWM Dimming,
9mm × 15mm × 2.82mm LGA
LT3757
40V, 1MHz, Step-Up Controller
VIN: 2.9V to 40V, Positive and Negative Output Voltages,
3mm × 3mm DFN and MSOP-10E
34k
232k
45.3k
80.6k
10k
RS
68m
100nF
2.2µF
2.2µF
1nF
0.1µF
×2
L1
2.2µH
47.5k
100k
10µF
×2
100pF
VIN
EN/UVLO
VREF
CTRL
PWM
SYNC/SPRD
INTVCC
SS
RT
RP
VC
ISP
ISN
FB
VOUT
BST
LT3935
VIN
9V TO 36V
2MHz
ISMON
FAULT
ISMON
GND
SW
22µF
L1: WURTH 78438336022
3935 TA03
1.5A LED Driver with Fault Indication
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com