Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3759
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3759 Datasheet(HTML) 1 Page - Analog Devices

  LT3759 Datasheet HTML 1Page - Analog Devices LT3759 Datasheet HTML 2Page - Analog Devices LT3759 Datasheet HTML 3Page - Analog Devices LT3759 Datasheet HTML 4Page - Analog Devices LT3759 Datasheet HTML 5Page - Analog Devices LT3759 Datasheet HTML 6Page - Analog Devices LT3759 Datasheet HTML 7Page - Analog Devices LT3759 Datasheet HTML 8Page - Analog Devices LT3759 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LT8357
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V 2MHz Low-IQ Boost, SEPIC
and Flyback Controller
The LT®8357 is a wide input range, current mode, DC/DC
controller which can be configured as a boost, SEPIC or
flyback converter. The LT8357 drives a low side N-channel
power MOSFET with 5V split gate drive. The current mode
architecture allows adjustable and synchronizable 100kHz
to 2MHz fixed frequency operation, or internal 19% trian-
gle spread spectrum operation for low EMI. At light load,
either pulse-skipping mode or low-ripple Burst Mode
operation can be selected. Additional features include
output power good and output short circuit protection in
SEPIC and flyback configurations.
With a wide 3V to 60V input voltage range and 8µA low
quiescent current, the LT8357 provides a simple, com-
pact and efficient solution for automotive, industrial, and
battery-powered systems.
2MHz, 8V to 16V Input, 24V/2A Output Boost Converter
Efficiency vs Load Current
APPLICATIONS
n
Wide Input Voltage Range: 3V to 60V
n
Low IQ Burst Mode® Operation: 8µA
n
Up to 95% Efficiency at 2MHz
n
±1.5% Internal 1V Voltage Reference
n
5V Split Gate Drive for Efficiency and EMI Optimization
n
100kHz to 2MHz Fixed Switching Frequency with
External Clock Synchronization
n
Spread Spectrum Frequency Modulation for Low EMI
n
Accurate Enable Threshold with Hysteresis
n
Programmable Output Soft-Start and Tracking
n
Thermally-Enhanced 12-Lead MSOP Package
n
Automotive and Industrial Systems
n
Battery-Powered Systems
n
Portable Electronic Equipment
All registered trademarks and trademarks are the property of their respective owners.
1M
196k
2.2µH
100k
22k
D1
M1
5m
1MEG
43.2k
10nF
47nF
2MHz
15k
2.2µF
22µF
x2
10µF
EN/UVLO
VC
FB
SYNC/MODE
VIN
LT8357
GND
PGOOD
SS
RT
GATEP
GATEN
INTVCC
VIN
8V TO 16V
25V
VOUT
24V
2A
35V
SENSE
INTVCC
8357 TA01a
fSW = 2MHz
BURST
VIN = 16V
VIN = 12V
VIN = 8V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
50
60
70
80
90
100
8357 TA01b


Similar Part No. - LT3759

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
LT3759 LINER-LT3759 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3759 LINER-LT3759 Datasheet
423Kb / 24P
Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
LT3759 LINER-LT3759 Datasheet
445Kb / 32P
Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3759 LINER-LT3759 Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
More results

Similar Description - LT3759

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5022 NSC-LM5022_09 Datasheet
591Kb / 22P
60V Low Side Controller for Boost and SEPIC
logo
Linear Technology
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
logo
Texas Instruments
SM74203 TI1-SM74203 Datasheet
544Kb / 24P
SM74203 60V Low Side Controller for Boost and SEPIC
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
logo
Texas Instruments
LM5022 TI1-LM5022_14 Datasheet
1Mb / 34P
60V Low Side Controller for Boost and SEPIC
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com