Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3759
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3759 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3759 Datasheet HTML 19Page - Analog Devices LT3759 Datasheet HTML 20Page - Analog Devices LT3759 Datasheet HTML 21Page - Analog Devices LT3759 Datasheet HTML 22Page - Analog Devices LT3759 Datasheet HTML 23Page - Analog Devices LT3759 Datasheet HTML 24Page - Analog Devices LT3759 Datasheet HTML 25Page - Analog Devices LT3759 Datasheet HTML 26Page - Analog Devices LT3759 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LT8357
23
Rev. 0
For more information www.analog.com
D1
M1
L1
L2
LT8357
GND
GATEP
GATEN
VIN
VOUT
SENSE
CIN
COUT
RSENSE
CDC
8357 F10
Figure 10. A Simplified SEPIC Converter
In a SEPIC converter, no DC path exists between the input
and output. This is an advantage over the boost converter
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
Compared to the flyback converter, the SEPIC converter
has the advantage that both the power MOSFET and the
output diode voltages are clamped by the capacitors (CIN,
CDC and COUT). Therefore, there is less voltage ringing
across the power MOSFET and the output diode. The
SEPIC converter requires much smaller input capacitors
than those of the flyback converter. This is due to the fact
that, in the SEPIC converter, the inductor L1 is in series
with the input, and the ripple current flowing through the
input capacitor is continuous.
SEPIC Converter: Switch Duty Cycle and Frequency
For a SEPIC converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT), the input voltage (VIN) and the diode for-
ward voltage (VD).
The maximum duty cycle (DMAX) occurs when the con-
verter operates at the minimum input voltage:
DMAX =
VOUT +VD
VIN(MIN)+VOUT +VD
Conversely, the minimum duty cycle (DMIN) occurs when
the converter operates at the maximum input voltage:
APPLICATIONS INFORMATION
DMIN =
VOUT +VD
VIN(MAX)+VOUT +VD
Be sure to check that DMAX and DMIN obey:
DMAX < 1 – TMIN_OFF_TIME(MAX) • f(MAX)
and
DMIN > TMIN_ON_TIME(MAX) • f(MAX)
where Minimum Off-Time TMIN_OFF_TIME, Minimum
On-Time TMIN_ON_TIME and Switching Frequency f are
specified in the Electrical Characteristics table.
SEPIC Converter: Inductor and Sense Resistor Selection
As shown in Figure 10, the SEPIC converter contains two
inductors: L1 and L2. L1 and L2 can be independent, but can
also be wound on the same core, since identical voltages
are applied to L1 and L2 throughout the switching cycle.
For the SEPIC topology, the current through L1 is the
converter input current. Based on the fact that, ideally, the
output power is equal to the input power, the maximum
average inductor currents of L1 and L2 are:
IL1(MAX) =IIN(MAX) =IO(MAX)•
DMAX
1−DMAX
IL2(MAX) =IO(MAX)
In a SEPIC converter, the switch current is equal to IL1 +
IL2 when the power switch is on, therefore, the maximum
average switch current is defined as:
ISW(MAX) =IL1(MAX)+IL2(MAX) =IO(MAX)•
1
1−DMAX
and the peak switch current is:
ISW(PEAK) =(1+
χ
2
)•IO(MAX)•
1
1−DMAX
The constant χ in the preceding equations represents
the percentage peak-to-peak ripple current in the switch,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com