Electronic Components Datasheet Search
  English  ▼

X  

LTM4636 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4636
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4636 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4636 Datasheet HTML 2Page - Analog Devices LTM4636 Datasheet HTML 3Page - Analog Devices LTM4636 Datasheet HTML 4Page - Analog Devices LTM4636 Datasheet HTML 5Page - Analog Devices LTM4636 Datasheet HTML 6Page - Analog Devices LTM4636 Datasheet HTML 7Page - Analog Devices LTM4636 Datasheet HTML 8Page - Analog Devices LTM4636 Datasheet HTML 9Page - Analog Devices LTM4636 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC7106
6
Rev A
For more information www.analog.com
PIN FUNCTIONS
VDD (Pin 3): Input Supply. Bypass this pin to GND with a
capacitor (0.1µF to 1µF).
IDAC (Pin 6): Bidirectional Current DAC Output.
EN (Pin 7): Chip Enable Pin. Current DAC output is in
Hi-Z state when EN is Grounded. Do not leave EN floating.
SDA (Pin 1): Serial Bus Data Input and Open-Drain Output.
A pull-up resistor to VDD is required in the application.
SCL (Pin 2): Serial Bus Clock Input.
GPO (Pin 8): Open-Drain Digital Output. A pull-up resistor
to VDD is required.
ALERT (Pin 4): Open-Drain Digital Output. A pull-up
resistor to VDD is required.
ASEL1/ASEL0 (Pins 10, 9): Serial Bus Address Select
Inputs. Each pin has three states (VDD, FLOATING and
GND); these two pins provide 9 addresses.
GND (Pin 5): Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com