Electronic Components Datasheet Search
  English  ▼

X  

LTM4636 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4636
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4636 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4636 Datasheet HTML 8Page - Analog Devices LTM4636 Datasheet HTML 9Page - Analog Devices LTM4636 Datasheet HTML 10Page - Analog Devices LTM4636 Datasheet HTML 11Page - Analog Devices LTM4636 Datasheet HTML 12Page - Analog Devices LTM4636 Datasheet HTML 13Page - Analog Devices LTM4636 Datasheet HTML 14Page - Analog Devices LTM4636 Datasheet HTML 15Page - Analog Devices LTM4636 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC7106
12
Rev A
For more information www.analog.com
OPERATION
Similarity Between PMBus, SMBus and I2C 2-Wire
Interface
The PMBus 2-wire interface is an incremental extension
of the SMBus. SMBus is built upon I2C with some minor
differences in timing, DC parameters and protocol. The
PMBus/SMBus protocols are more robust than simple I2C
bytecommandsbecausePMBus/SMBusprovidetimeouts
to prevent bus hangs and valid operation commands. In
general, a master device that can be configured for I2C
communication can be used for PMBus communication
with little or no change to hardware or firmware. Repeat
start (restart) is not supported by all I2C controllers but
is required for SMBus/PMBus reads. If a general purpose
I2C controller is used, check that repeat start is supported.
For a description of the minor extensions and exceptions
PMBus makes to SMBus, refer to PMBus Specification
Part 1, Revision 1.1: Paragraph 5: Transport.
ForadescriptionofthedifferencesbetweenSMBusandI2C,
refer to System Management Bus (SMBus) Specification
Version 2.0: Appendix B—Differences Between SMBus
and I2C.
PMBus SERIAL INTERFACE
TheLTC7106communicateswithahost(master)usingthe
standardPMBusserialbusinterface.TheTimingDiagram,
Figure 1, shows the timing relationship of the signals on
the bus. The two-bus lines, SDA and SCL, must be high
when the bus is not in use. External pull-up resistors or
current sources are required on these lines.
The LTC7106 is a slave device. The master can com-
municate with the LTC7106 using the following formats:
• Master Transmitter, Slave Receiver
• Master Receiver, Slave Transmitter
The following PMBus protocols are supported:
• Write Byte, Send Byte
• Read Byte, Read Word
• Alert Response Address
Figure 3 through Figure 6 illustrate the aforementioned
PMBus protocols. All transactions support GCP (group
command protocol).
Figure 2 is a key to the protocol diagrams in this section.
A value shown below a field in the following figures is a
mandatory value for that field.
The data formats implemented by PMBus are:
• Master transmitter transmits to slave receiver. The
transfer direction in this case is not changed.
• Master reads slave immediately after the first byte. At
the moment of the first acknowledgment (provided by
the slave receiver) the master transmitter becomes a
master receiver and the slave receiver becomes a slave
transmitter.
• Combined format. During a change of direction within
a transfer, the master repeats both a start condition and
the slave address but with the R/W bit reversed. In this
case, the master receiver terminates the transfer by
generating a NACK on the last byte of the transfer and
a STOP condition.
Examples of these formats are shown in Figure 4 and
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com