Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8494
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8494 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8494 Datasheet HTML 9Page - Analog Devices LT8494 Datasheet HTML 10Page - Analog Devices LT8494 Datasheet HTML 11Page - Analog Devices LT8494 Datasheet HTML 12Page - Analog Devices LT8494 Datasheet HTML 13Page - Analog Devices LT8494 Datasheet HTML 14Page - Analog Devices LT8494 Datasheet HTML 15Page - Analog Devices LT8494 Datasheet HTML 16Page - Analog Devices LT8494 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT8365
13
Rev. A
For more information www.analog.com
Figure 3. Soft-Start Waveforms
APPLICATIONS INFORMATION
FREQUENCY FOLDBACK
Duringstart-uporfaultconditionsinwhichVOUTisverylow,
extremely small duty cycles may be required to maintain
control of inductor peak current. The minimum on-time
limitationofthepowerswitchmightpreventtheselowduty
cycles from being achievable. In this scenario inductor
current rise will exceed inductor current fall during each
cycle, causing inductor current to “walk up” beyond the
switch current limit. The LT8365 provides protection from
this by folding back switching frequency whenever FBX
or SS pins are close to GND (low VOUT levels or start-up).
This frequency foldback provides a larger switch-off time,
allowing inductor current to fall enough each cycle (see
Normalized Switching Frequency vs FBX Voltage in the
Typical Performance Characteristics section).
THERMAL LOCKOUT
If the LT8365 die temperature reaches 170°C (typical),
the part will stop switching and go into thermal lockout.
When the die temperature has dropped by 5°C (nominal),
the part will resume switching with a soft-started inductor
peak current.
COMPENSATION
Loop compensation determines the stability and transient
performance. The LT8365 uses current mode control to
regulate the output which simplifies loop compensation.
Theoptimumvaluesdependontheconvertertopology,the
componentvaluesandtheoperatingconditions(including
the input voltage, load current, etc.). To compensate the
feedback loop of the LT8365, a series resistor-capacitor
network is usually connected from the VC pin to GND.
The Block Diagram shows the typical VC compensation
network. For most applications, the capacitor should be
in the range of 100pF to 10nF, and the resistor should
be in the range of 5k to 100k. A small capacitor is often
connected in parallel with the RC compensation network
to attenuate the VC voltage ripple induced from the output
voltageripplethroughtheinternalerroramplifier.Theparal-
lel capacitor usually ranges in value from 2.2pF to 22pF. A
practicalapproachtodesigningthecompensationnetwork
is to start with one of the circuits in this data sheet that
is similar to your application, and tune the compensation
networktooptimizetheperformance. Stabilityshouldthen
be checked across all operating conditions, including load
current, input voltage and temperature. Application Note
76 is a good reference.
THERMAL CONSIDERATIONS
CareshouldbetakeninthelayoutofthePCBtoensuregood
heatsinkingoftheLT8365.Bothpackageshaveanexposed
pad underneath the IC which is the best path for heat out
of the package. The exposed pad should be soldered to a
continuouscoppergroundplaneunderthedevicetoreduce
die temperature and increase the power capability of the
LT8365. The ground plane should be connected to large
copper layers to spread heat dissipated by the LT8365.
Power dissipation within the LT8365 (PDISS_LT8365) can
be estimated by subtracting the inductor and Schottky
diode power losses from the total power losses calculated
in an efficiency measurement. The junction temperature
of LT8365 can then be estimated by:
TJ(LT8365) = TA + θJA • PDISS_LT8365
APPLICATION CIRCUITS
TheLT8365canbeconfiguredfordifferenttopologies.The
first topology to be analyzed will be the boost converter,
followed by the SEPIC and inverting converters.
Boost Converter: Switch Duty Cycle
The LT8365 can be configured as a boost converter for the
applications where the converter output voltage is higher
thantheinputvoltage.Rememberthatboostconvertersare
10ms/DIV
VOUT
20V/DIV
IL
200mA/DIV
8365 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com