Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8494
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8494 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8494 Datasheet HTML 19Page - Analog Devices LT8494 Datasheet HTML 20Page - Analog Devices LT8494 Datasheet HTML 21Page - Analog Devices LT8494 Datasheet HTML 22Page - Analog Devices LT8494 Datasheet HTML 23Page - Analog Devices LT8494 Datasheet HTML 24Page - Analog Devices LT8494 Datasheet HTML 25Page - Analog Devices LT8494 Datasheet HTML 26Page - Analog Devices LT8494 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LT8365
23
Rev. A
For more information www.analog.com
400kHz, 9V to 30V Input, 420V Output Boost Converter
400kHz, 9V to 30V Input, –420V Output Boost Converter
C4
1µF
C1
10µF
C3
1nF
C2
0.22µF
R1
1M
R2
1.91k
R3
84.5k
R4
107k
D1
C5
0.22µF
L1
10µH
C6
0.1µF
D2
R5
20
D3
R6
20
D4
C7
0.22µF
C9
0.1µF
D5
R7
20
D6
C8
0.22µF
C10
0.1µF
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
9V TO 30V
D1, D2, D3, D4, D5, D6: DIODES INC. DFLS1200
L1: WURTH ELEKTRONIK WE-PD 74437324100
VOUT
VOUT
–420V
4mA
C6, C9, C10: 12062C104KAT2A
C5, C7, C8: CGJ5L3X7T2D224K160AA
8365 TA09a
C7
1µF
C1
10µF
C8
1nF
C9
0.22µF
R3
1M
R4
3.83k
R5
84.5k
R6
107k
D2
C6
0.22µF
L1
10µH
R1
20
D1
D3
C5
0.22µF
C2
0.1µF
C4
0.22µF
C3
0.1µF
D4
R2
20
D5
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
9V TO 30V
D1, D2, D3, D4, D5: DIODES INC. DFLS1200
L1: WURTH ELEKTRONIK WE-PD 74437324100
VOUT
VOUT
420V
4mA
C2, C3: 12062C104KAT2A
C4, C5, C6: CGJ5L3X7T2D224K160AA
8365 TA08a
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com