Electronic Components Datasheet Search
  English  ▼

X  

DB25 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DB25
Description  In-Line DB25 Surge Suppressor (Pins 1-8, 20 & D Shell Chassis)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DB25 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DB25 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DB25 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DB25 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
OVERVIEW
UPC Code
037332118387
INPUT
Recommended Electrical Service
120V, 230V
Input Plug Type
DB25
Input Cord Length (ft.)
0
Right-Angle Plug
No
Input Cord Length (m)
0.00
Integrated Cord Clip
No
OUTPUT
Output Receptacles
Universal outlets
Circuit Breaker (amps)
340
Right-Angle Outlets
No
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LED(s)
No
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
0
Automatic Shut-Off
No
DATALINE SURGE SUPPRESSION
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
Additional Dataline Protection
1-8, 20 & Chassis
Telephone/DSL Protection
No
PHYSICAL
Color
Light Gray
Housing Color
Light Gray
Mounting Holes or Slots
No
Shipping Dimensions (hwd / cm)
12.70 x 7.62 x 5.08
Shipping Dimensions (hwd / in.)
5.00 x 3.00 x 2.00
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com