Electronic Components Datasheet Search
  English  ▼

X  

DB25 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DB25
Description  In-Line DB25 Surge Suppressor (Pins 1-8, 20 & D Shell Chassis)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DB25 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DB25 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DB25 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DB25 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
In-Line DB25 Surge Suppressor (Pins 1-8, 20 & D
Shell Chassis)
MODEL NUMBER: DB25
Is your DB25 serial connection protected? If not, your data terminal equipment is vulnerable to damage
and performance problems. Surges and line noise don’t just affect the power line; they can enter your
equipment on any connection. So protect your DB9 serial equipment with the DataShield™ DB25 In-Line
Surge Suppressor. It’s the ideal choice for protecting data terminal and data communication equipment
like PCs, printers and modems.
Description
Tripp Lite's DB25 offers dataline surge suppression for many RS232 DB25 serial ports of data terminal
and data communications equipment, including PCs, printers, modems and more. Protects pins 1-8, 20
and D shell chassis for protection of specific DB25 applications. User configurable for use with male or
female captive DB25 port. Convenient DB25 input and output connects directly to the protected port,
obtaining a ground outlet from the computer chassis. Surge suppression is handled with balanced arrays
of high-speed avalanche diodes that divert excess energies created by electrostatic discharges away from
network interface connections. Tripp Lite network surge suppressors reduce blown interface connections,
garbled transmissions, system lock-ups and hard equipment failure by safely shunting dataline surges to
ground. Lifetime warranty.
SUPPRESSION: Reversible DB25 m/f jacks, protects pins 1-8, 20 and chassis, 18V clamping
Features
DB25 protects 25 pin serial connections for many RS232 DB25 serial ports of data terminal and data
communications equipment, including PCs, printers, modems and more
q
Protects pins 1-8, 20 and D shell chassis for protection of specific DB25 applications.
q
User configurable for use with male or female captive DB25 port
q
Convenient DB25 input and output connects directly to the protected port, obtaining a ground outlet
from the computer chassis
q
Reversible for use with male or female captive DB25 ports
q
Offers protection on all 25 data lines, plus D shell chassis
q
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to
ground
q
Lifetime product warranty
q
Highlights
Complete serial port (DB25)
surge protection
q
Protects against the effects of
electrostatic discharge
q
Lifetime product warranty
q
1 / 3


Similar Part No. - DB25

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DB25-005 DIOTEC-DB25-005 Datasheet
179Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB25-005 SEMIKRON-DB25-005 Datasheet
229Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB25-005 DIOTEC-DB25-005 Datasheet
97Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB25-005 SEMIKRON-DB25-005 Datasheet
232Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB25-005 DIOTEC-DB25-005 Datasheet
214Kb / 2P
Three-Phase Si-Bridge-Rectifiers
More results

Similar Description - DB25

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
120V AC POWER LINE SURGE SUPPRESSOR
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
120v ac power line surge suppressor
587B062 PROTEC-587B062_11 Datasheet
318Kb / 4P
240v acpower line surge suppressor
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
logo
List of Unclassifed Man...
DB9 ETC2-DB9 Datasheet
485Kb / 3P
In-Line DB9 Surge Suppressor
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
1-outlet, Direct plug-in, 600 joule Surge Suppressor
TRAVELERC6 ETC2-TRAVELERC6 Datasheet
503Kb / 4P
2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
logo
Tripp Lite. All Rights ...
DB25ALL TRIPPLITE-DB25ALL Datasheet
484Kb / 2P
Datashield Serial In-Line Surge Protector, DB25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com