Electronic Components Datasheet Search
  English  ▼

X  

CONMMCX013 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONMMCX013
Description  MMCX Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONMMCX013 Datasheet(HTML) 1 Page - Linx Technologies

  CONMMCX013 Datasheet HTML 1Page - Linx Technologies CONMMCX013 Datasheet HTML 2Page - Linx Technologies CONMMCX013 Datasheet HTML 3Page - Linx Technologies CONMMCX013 Datasheet HTML 4Page - Linx Technologies CONMMCX013 Datasheet HTML 5Page - Linx Technologies CONMMCX013 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
CONMMCX013
MMCX Jack PCB Cutout Edge Mount Connector
Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 8.5 GHz
Insulation Resistance
5000 M
Ω Min.
Voltage Rating
250 V RMS
Contact Resistance
Center:
≤ 10.0 mΩ Outer: ≤ 5.0 mΩ
Selected Frequencies
6 GHz
8.5 GHz
Insertion Loss (dB max)
-0.47
-0.64
VSWR (max)
1.2
1.2
Ordering Information
Part Number
Description
CONMMCX013
MMCX jack (female socket), PCB cutout edge mount connector
in trays (100 per tray)
CONMMCX013-T
MMCX jack (female socket), PCB cutout edge mount connector
in tape and reel (2000 per reel)
Available from Linx Technologies and select distributors and representatives.
Features
• 0 to 8.5 GHz operation
• MMCX (female socket) connection
― Gold plated brass connector body
― Gold plated beryllium copper center contact
• Direct surface-mount PCB attachment
• Reflow- or hand-solder assembly
Operating from 0 GHz to 8.5 GHz, the
CONMMCX013 provides high performance and
reliability in a small package. Mounting in a cutout/
notch in a printed circuit board (PCB) and available
in tape and reel packaging, the CONMMCX013 is
more compact than standard board edge mount
connectors and is compatible with pick and
place machines for high volume manufacturing.
Additionally, all Linx connectors meet RoHS lead
free standards and are tested to meet requirements
for corrosion resistance, vibration, mechanical and
thermal shock.


Similar Part No. - CONMMCX013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMMCX011 ETC2-CONMMCX011 Datasheet
156Kb / 1P
MMCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX012 ETC2-CONMMCX012 Datasheet
270Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONMMCX012-R178 ETC2-CONMMCX012-R178 Datasheet
256Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
More results

Similar Description - CONMMCX013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-0969 MOLEX2-73415-0969 Datasheet
254Kb / 4P
MMCX JACK PCB EDGE MOUNT 50 OHM
73415-1475 MOLEX2-73415-1475 Datasheet
159Kb / 3P
MMCX JACK, PCB MOUNT 50 OHMS MMCX-J/PCB
logo
List of Unclassifed Man...
EMPCBMMCXFSTJACKHT ETC2-EMPCBMMCXFSTJACKHT Datasheet
186Kb / 3P
MMCX (F) Jack For Edge PCB Mount
logo
Molex Electronics Ltd.
73415-0965 MOLEX11-73415-0965 Datasheet
32Kb / 1P
50 Ohms, MMCX Jack, PCB Edge Mount
logo
Adam Technologies, Inc.
RF12-500-2 ADAM-TECH-RF12-500-2 Datasheet
72Kb / 1P
MMCX JACK R/A PCB MOUNT
logo
Molex Electronics Ltd.
0734150967 MOLEX11-0734150967 Datasheet
49Kb / 1P
50 Ohms, MMCX Jack, Edge Mount PCB Receptacle,
logo
Linx Technologies
CONSMP024-G LINX-CONSMP024-G Datasheet
669Kb / 6P
SMP Plug PCB Cutout Edge Mount Connector
2021
CONMCX013 LINX-CONMCX013 Datasheet
576Kb / 6P
MCX Jack PCB Cutout Edge Mount Connector
2020
CONSMA024-G LINX-CONSMA024-G Datasheet
699Kb / 6P
SMA Jack PCB Cutout Edge Mount Connector
2020
CONREVSMA024-G LINX-CONREVSMA024-G Datasheet
506Kb / 4P
Reverse-Polarity SMA Jack PCB Cutout Edge Mount Connector
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com