Electronic Components Datasheet Search
  English  ▼

X  

CONMMCX013 Datasheet(PDF) 5 Page - Linx Technologies

Part # CONMMCX013
Description  MMCX Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONMMCX013 Datasheet(HTML) 5 Page - Linx Technologies

  CONMMCX013 Datasheet HTML 1Page - Linx Technologies CONMMCX013 Datasheet HTML 2Page - Linx Technologies CONMMCX013 Datasheet HTML 3Page - Linx Technologies CONMMCX013 Datasheet HTML 4Page - Linx Technologies CONMMCX013 Datasheet HTML 5Page - Linx Technologies CONMMCX013 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Datasheet
CONMMCX013
Packaging Information
Figure 6 shows the dimensions of the tape in which the CONMMCX013-T connectors are packaged. Reel
dimensions are provided in Figure 7.
7.5 mm
(0.30 in)
4.5 mm
(0.18 in)
3.5 mm
(0.14 in)
1.4 mm
(0.06 in)
0.6 mm
(0.02 in)
0.4 mm
(0.01 in)
Ø4.5 mm
(0.18 in)
Ø2.7 mm
(0.11 in)
Ø0.8 mm
(0.03 in)
3.4 mm
(0.13 in)
1.1 mm
(0.04 in)
0.8 mm
(0.03 in)
9.2 mm
(0.36 in)
4.5 mm
(0.18 in)
3.9 mm
(0.15 in)
4.6 mm
(0.18 in)
3.5 mm
(0.14 in)
9.2mm
0.36in
4.6mm
0.18in
3.5mm
0.14in
1.1mm
0.04in
3.9mm
0.15in
0.8mm
0.03in
PCB
Figure 6. Tape Specifications for the CONMMCX013-T Connector
E
C
W
W1
A
B
Reel Dimensions
Symbol
Qty
Unit
QTY per reel
2000
pcs
Tape width
24.00
mm
A
Ø 330 ±1
mm
B
Ø 100 ±0.5
mm
C
Ø 13.00 ±0.2
mm
E
2.2 ±0.5
mm
W
24 ±0.5
mm
W1
28.4 ±0.2
mm
Figure 7. Reel Specifications for the CONMMCX013-T Connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com