Electronic Components Datasheet Search
  English  ▼

X  

1424038 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1424038
Description  Conductor connectors - QPD CW3PE2,5 2X6-10 BK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1424038 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1424038 Datasheet HTML 1Page - PHOENIX CONTACT 1424038 Datasheet HTML 2Page - PHOENIX CONTACT 1424038 Datasheet HTML 3Page - PHOENIX CONTACT 1424038 Datasheet HTML 4Page - PHOENIX CONTACT 1424038 Datasheet HTML 5Page - PHOENIX CONTACT 1424038 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1424038
09/11/2020   Page 1 / 6
Conductor connectors - QPD CW3PE2,5 2X6-10 BK - 1424038
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Conductor connectors, QUICKON connection, number of positions: 3+PE, 1 mm² ... 2.5 mm², 690 V, 20 A,
black, With two QUICKON nuts, cable diameter range: 6 mm ... 10 mm, QUICKON fast connection
Your advantages
 Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
 Convenient: quick and easy assembly without special tools
 Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
 Safer connection thanks to polarization against mismatching and touch-proof protection according to DIN EN 0105
 Easy and safe - with the cable connector, you can repair or extend cables quickly, in combination with the connector as well as the coupling
connection
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626366401
Technical data
General
Type
QPD 4x2,5
Color
black
Locking type
Screw locking
Connection method
QUICKON connection
IDC connection
Number of positions
4
Note number of positions
3+PE
Tightening torque, union nut
7 Nm
Tightening torque, counter nut
5 Nm
Conductor cross section flexible min.
1 mm²
Conductor cross section flexible max.
2.5 mm²


Similar Part No. - 1424038

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424030 PHOENIX-1424030 Datasheet
1Mb / 12P
SACC-DSI-FS-8CON-PG 9/2,0 SCO - Device connector, rear mounting
1424032 PHOENIX-1424032 Datasheet
277Kb / 7P
QPD N2,5 9-14 GY - Nut
1424034 PHOENIX-1424034 Datasheet
96Kb / 6P
Conductor connectors - QPD CW4X2,5/2X6-10 GY
09/11/2020
1424035 PHOENIX-1424035 Datasheet
399Kb / 7P
QPD CW4X2,5/1X9-14 GY - Conductor connector
1424037 PHOENIX-1424037 Datasheet
383Kb / 7P
QPD CW3PE2,5 2X9-14 BK - Conductor connector
More results

Similar Description - 1424038

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582393 PHOENIX-1582393 Datasheet
80Kb / 5P
Conductor connectors - QPD C 4X2,5/2X6-10 GY
1403838 PHOENIX-1403838 Datasheet
278Kb / 6P
Conductor connectors - QPD C 4PE2,5 2X6-11 BK
1403844 PHOENIX-1403844 Datasheet
257Kb / 5P
Conductor connectors - QPD CW 4PE2,5 2X6-11 BK
1582220 PHOENIX-1582220 Datasheet
89Kb / 6P
Conductor connectors - QPD C 3PE2,5 1X6-10 BK
1414739 PHOENIX-1414739 Datasheet
275Kb / 6P
Conductor connectors - QPD C 4PE1,5 1X5-10 BK
01/21/2022
1423989 PHOENIX-1423989 Datasheet
293Kb / 6P
Conductor connectors - QPD C3PE2,5 2X6-10 BK
02/04/2022
1423990 PHOENIX-1423990 Datasheet
110Kb / 6P
Conductor connectors - QPD C3PE2,5 2X9-14 BK
09/11/2020
1423992 PHOENIX-1423992 Datasheet
93Kb / 6P
Conductor connectors - QPD C3PE2,5 1X9-14 BK
09/11/2020
1424021 PHOENIX-1424021 Datasheet
93Kb / 6P
Conductor connectors - QPD C4X2,5/2X6-10 GY
09/11/2020
1424034 PHOENIX-1424034 Datasheet
96Kb / 6P
Conductor connectors - QPD CW4X2,5/2X6-10 GY
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com