Electronic Components Datasheet Search
  English  ▼

X  

1424038 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1424038
Description  Conductor connectors - QPD CW3PE2,5 2X6-10 BK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1424038 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1424038 Datasheet HTML 1Page - PHOENIX CONTACT 1424038 Datasheet HTML 2Page - PHOENIX CONTACT 1424038 Datasheet HTML 3Page - PHOENIX CONTACT 1424038 Datasheet HTML 4Page - PHOENIX CONTACT 1424038 Datasheet HTML 5Page - PHOENIX CONTACT 1424038 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1424038
09/11/2020   Page 2 / 6
Conductor connectors - QPD CW3PE2,5 2X6-10 BK - 1424038
Technical data
General
Conductor cross section solid min.
1 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG min.
16
Conductor cross section AWG max.
14
Cabel
Structure of individual litz in acc. with VDE 0295 / smallest wire diameter VDE 0295 class 1 to 6/min. 0.15 mm
Wire insulation material
PVC/PE/TPE/rubber
Wire diameter including insulation
2 mm ... 3.6 mm
External cable diameter
6 mm ... 10 mm
Position marking
1, 2, 3, PE
Ambient conditions
Degree of protection
IP66
IP68 (2 m / 24 h)
IP69K
Ambient temperature (operation)
-40 °C ... 100 °C
Ambient temperature (storage/transport)
-40 °C ... 100 °C
Temperature when conductor connected
-5 °C ... 50 °C
Electrical characteristics
Nominal current IN
20 A
Nominal voltage UN
690 V AC
690 V DC
Rated current
20 A
Rated voltage (III/3)
690 V
Rated voltage (III/2)
690 V
Rated voltage (II/2)
1000 V
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Mechanical characteristics
QUICKON connectability
max. 10
Insertion/withdrawal cycles
>= 50 (QUICKON connections max. 10)
Category of shock impact
IK07
Material data
Contact material
Cu
Contact surface material
silver-plated
Contact carrier material
PA
Insulating material
PA
Flammability rating according to UL 94
V0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com