Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices AD4680 Datasheet HTML 10Page - Analog Devices AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices AD4680 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
AD7380-4
Rev. 0 | Page 11 of 31
84
86
88
90
92
94
96
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VREF = 3.3V (EXTERNAL)
VREF = 2.5V (EXTERNAL)
Figure 16. SINAD vs. Temperature
0
10
20
30
40
50
60
0
1
2
3
4
THROUGHPUT RATE (MSPS)
IVCC
ILOGIC
VREF = 2.5V (EXTERNAL)
Figure 17. Dynamic Current vs. Throughput Rate
0
10
20
30
40
50
60
–40
–25
–10
5
20
35
50
75
80
95
110
125
TEMPERATURE (°C)
IVCC
ILOGIC
THROUGHPUT RATE = 4MSPS
VREF = 2.5V (EXTERNAL)
Figure 18. Dynamic Current vs. Temperature
–110
–100
–90
–80
–70
–60
–50
–40
0.1
1
10
100
1000
RIPPLE FREQUENCY (kHz)
Figure 19. CMRR vs. Ripple Frequency
40
50
60
70
80
90
100
110
0.1
1
10
100
1000
RIPPLE FREQUENCY (kHz)
Figure 20. PSRR vs. Ripple Frequency
84
86
88
90
86
92
94
96
98
100
102
104
1
2
4
8
16
32
OVERSAMPLING RATIO
VREF = 3.3V (EXTERNAL), RES = 1
VREF = 2.5V (EXTERNAL), RES = 1
VREF = 3.3V (EXTERNAL), RES = 0
VREF = 2.5V (EXTERNAL), RES = 0
Figure 21. Normal Averaging Oversampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com