Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4680 Datasheet HTML 15Page - Analog Devices AD4680 Datasheet HTML 16Page - Analog Devices AD4680 Datasheet HTML 17Page - Analog Devices AD4680 Datasheet HTML 18Page - Analog Devices AD4680 Datasheet HTML 19Page - Analog Devices AD4680 Datasheet HTML 20Page - Analog Devices AD4680 Datasheet HTML 21Page - Analog Devices AD4680 Datasheet HTML 22Page - Analog Devices AD4680 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
AD7380-4
Rev. 0 | Page 19 of 31
RESOLUTION BOOST
The default resolution and output data size for the AD7380-4 is
16 bits. When the on-chip oversampling function is enabled the
performance of the ADC can exceed the default resolution. To
accommodate the performance boost achievable, it is possible
to enable an additional two bits of resolution. If the RES bit in
the CONFIGURATION1 register is set to Logic 1 and the
AD7380-4 is in a valid oversampling mode, the conversion
result size for the AD7380-4 is 18 bits. In this mode, 18 SCLK
cycles are required to propagate the data for the AD7380-4.
ALERT
The alert functionality is an out of range indicator and can be
used as an early indicator of an out of bounds conversion
result. An alert event triggers when the value in the conversion
result register exceeds the alert high limit value in the alert high
threshold register or falls below the alert low limit value in the
alert low threshold register. The alert high threshold register
and the alert low threshold register are common to all ADCs.
When setting the threshold limits, the alert high threshold must
always be greater than the alert low threshold. Detailed alert
information is accessible in the alert indication register.
The register contains two status bits per ADC, one corresponding
to the high limit, and the other to the low limit. A logical OR of
alert signals for all ADCs creates a common alert value. This
value can be configured to drive out on the ALERT function of
the SDOD/ALERT pin. The SDOD/ALERT pin is configured as
ALERT by configuring the following bits in CONFIGURATION1
and CONFIGURATION2:
•
Set the SDO bits to any value other than 0b10.
•
Set the ALERT_EN bit to 1.
•
Set a valid value in the alert high threshold register and the
alert low threshold register.
The alert indication function is available in oversampling
(rolling average, normal averaging, and in nonoversampling
modes).
The alert function of the SDOD/ALERT pin updates at the end
of conversion. The alert indication status bits in the ALERT
register are updated as well and must be read before the end of
the next conversion.
Bits[7:0] in the alert indication register are cleared by reading
the alert indication register contents. The alert function of the
SDOD/ALERT pin is cleared with a falling edge of CS. Issuing a
software reset also clears the alert status in the alert indication
register.
See Figure 8 for the ALERT timing diagram.
SDOB
CS
1
2
3
14
15
16
17
18
SCLK
DB17
DB16
DB15
DB15
DB14
DB13
DB4
DB3
DB2
DB1
DB0
DB2
DB1
DB0
SDOA,
SDI
Figure 33. Resolution Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com