Electronic Components Datasheet Search
  English  ▼

X  

GPAC2U4 Datasheet(PDF) 2 Page - IOGEAR

Part # GPAC2U4
Description  GearPower Dual USB 4.2A Car Charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GPAC2U4 Datasheet(HTML) 2 Page - IOGEAR

  GPAC2U4 Datasheet HTML 1Page - IOGEAR GPAC2U4 Datasheet HTML 2Page - IOGEAR GPAC2U4 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Requirements
Standard 12V lighter
socket or 12V power
port
USB device
USB charging cable
for your USB device
(not included)
Package Contents
1 x GPAC2U4 12V
Car Charger
1 x Warranty Card



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com