Electronic Components Datasheet Search
  English  ▼

X  

GPAC2U4 Datasheet(PDF) 3 Page - IOGEAR

Part # GPAC2U4
Description  GearPower Dual USB 4.2A Car Charger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GPAC2U4 Datasheet(HTML) 3 Page - IOGEAR

  GPAC2U4 Datasheet HTML 1Page - IOGEAR GPAC2U4 Datasheet HTML 2Page - IOGEAR GPAC2U4 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GPAC2U4
Connectors
USB x 2
LEDs
Power On
Green
Power
Amps
4.2A Output (2.1A x 2)
Voltage
+5VDC Output (x2)
Power Input Rating
Unit Power
+12VDC
Dimensions
GPAC2U4
POP Information
10'' Peg Hook
8
6'' Peg Hook
5
Unit Dimensions
Height
.6" (1.6cm)
Depth
1" (2.5cm)
Length
3.3" (8.3cm)
Inner Pack
Width
4" (10.2cm)
Height
8" (20.3cm)
Depth
8" (20.3cm)
Inner Pack Qty.
6
Unit Package Dimensions
Width
3.3" (8.4cm)
Height
6.8" (17.5cm)
Depth
1.3" (3.2cm)
Master Carton
Width
9" (22.9cm)
Height
9" (22.9cm)
Depth
17" (42.3cm)
Master Carton Qty.
24
Weight
Master Carton Wt.
4.95lb (2.2kg)
Inner Pack Wt.
1.1lb (.48kg)
Unit Pack Wt.
.15lb (.06kg)
Unit Wt.
.05lb (.02kg)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com