Electronic Components Datasheet Search
  English  ▼

X  

FDH-1 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # FDH-1
Description  Fieldbus Diagnostic Handheld
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FDH-1 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  FDH-1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDH-1
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Fieldbus Diagnostic Handheld
• FDH-1 fieldbus diagnostic handheld
• Transport case
• Fieldbus cordset with 3 pin test plugs, order code ACC-FDH-CBUSC
• Fieldbus cordset with 3 test clips, order code ACC-FDH-CBUSP
• USB 2.0 cable
• FDH-1 Manager Software
Functional Overview of FDH-1
Additional Information
Additional Information
Pre-commissioning
FDH-1 checks:
– Installed cables for fieldbus suitability
– Insulation levels and ground faults
Segment commissioning and
troubleshooting
The commissioning wizard with automated segment check procedures reports and stores
comprehensive physical layer measurements. The wizard detects or measures, e. g.:
– Physical layer attributes and compares actual setup against planned setup
– Over- and undertermination
Commissioning reports can be uploaded for backup, storage, and documentation.
External oscilloscope can be triggered on fieldbus-specific events via separate output.
Dimensions and Assembly
Description:
1 FDH-1 keypad with 8 keys
2 FDH-1 LC display 128 x 64 pixels
3 Fold-out hook for positioning on the desk or hanging
4 Trigger output for external oscilloscope
5USB port
6Bus connection
197
40.7
1
3
4
5
6
2
All dimensions without tolerance indication
Scope of Delivery



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com