Electronic Components Datasheet Search
  English  ▼

X  

FDH-1 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FDH-1
Description  Fieldbus Diagnostic Handheld
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FDH-1 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FDH-1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FDH-1 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Display
LC display
Keypad
Membrane 8 keys
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Standard conformity
Electromagnetic compatibility
NE 21:2011
Degree of protection
IEC 60529
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Software
Languages
English (default), German (optional), Portuguese (optional),
Ambient conditions
Ambient temperature
-20 ... 50 °C (-4 ... 122 °F)
Storage temperature
-20 ... 70 °C (-4 ... 158 °F)
Relative humidity
< 95 % non-condensing
Shock resistance
15 g , 11 ms
Vibration resistance
1 g , 10 ... 150 Hz
Mechanical specifications
Connection type
Fieldbus: Cable with test clips and cable with test plugs, 2.5 mm
Trigger output: Cable with 2 banana plugs
USB: Square type B socket
Degree of protection
IP44
Mass
500 g
Data for application in connection with hazardous areas
EU-Type Examination Certificate
ZELM 14 ATEX 0531
Marking
1
II 2(1) G Ex ib [ia Ga] IIC T4 Gb ,
1
II 3(1) G Ex ic [ia Ga] IIC T4 Gc ,
1
II 3 G Ex ic IIC T4 Gc ,
1
II (1 D) [Ex ia IIIC Da] ,
1
II (3 D) [Ex ic IIIC Dc]
Bus
Type
Fieldbus
Type of protection
ia, ib
Internal capacitance
Ci
< 1.8 nF
Internal inductance
Li
< 1.5 µH
Voltage Ui
30 V
Bus
Type
Fieldbus
Type of protection
ic
Internal capacitance
< 1.8 F
Internal inductance
< 1.5 µH
Voltage Ui
35 V
Outputs
Type
Trigger output
Maximum safe voltage
Um
140 V
Interface
Type
USB interface
Maximum safe voltage
Um
253 V
Voltage Ui
6 V
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012 , EN 60079-11:2012
International approvals
CSA approval
CSA 16.70029275
Approved for
Class I, Division 2, Groups A, B, C, D T4
Associated equipment for Class I, Division 1
Fieldbus Diagnostic Handheld
FDH-1
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com