Electronic Components Datasheet Search
  English  ▼

X  

1621997 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1621997
Description  Cable connector - SH-8ESC58A8LDL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1621997 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1621997 Datasheet HTML 1Page - PHOENIX CONTACT 1621997 Datasheet HTML 2Page - PHOENIX CONTACT 1621997 Datasheet HTML 3Page - PHOENIX CONTACT 1621997 Datasheet HTML 4Page - PHOENIX CONTACT 1621997 Datasheet HTML 5Page - PHOENIX CONTACT 1621997 Datasheet HTML 6Page - PHOENIX CONTACT 1621997 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/1621997
08/23/2016   Page 1 / 7
Cable connector - SH-8ESC58A8LDL - 1621997
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, straight long, shielded: yes, Screw locking, M23, Number of positions: 4+4+4+PE, Type of
contact: Socket, Crimp connection, Cable diameter: 7.5 mm ... 18 mm
Why buy this product
 Transmission of signals, data, and power in just a single connector
 CAT5 data interface
 Reduced connection time with optional SPEEDCON fast locking system
 Safe use in the field, thanks to high degree of protection
 Consistent EMC protection for reliable connection solutions in the industrial environment
Key Commercial Data
Packing unit
1 STK
Custom tariff number
85366990
Country of origin
Germany
Technical data
Temperature range
Ambient temperature (operation)
-40 °C ... 130 °C
Data of the insulating body
Note
Order information: Crimp contacts, 4x Ø 0.8 mm, 4x Ø 1 mm, 5x Ø 2 mm,
order separately
Coding
N
Insulator material
Polyamide (PA 6.6)
Insertion/withdrawal cycles mechanical
100
Contact connection method
Crimp connection


Similar Part No. - 1621997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621998 PHOENIX-1621998 Datasheet
392Kb / 9P
SH-8ESC58A8LB4 - Cable connector
More results

Similar Description - 1621997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621517 PHOENIX-1621517 Datasheet
363Kb / 9P
Cable connector - SH-8ESC58A8LDLS
02/04/2022
1621521 PHOENIX-1621521 Datasheet
362Kb / 9P
Cable connector - SH-8ESC58A8LB3S
02/04/2022
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621534 PHOENIX-1621534 Datasheet
605Kb / 15P
SH-8EPS48A8LDLS - Cable connector
1621538 PHOENIX-1621538 Datasheet
605Kb / 15P
SH-8EPS48A8LB1S - Cable connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com