Electronic Components Datasheet Search
  English  ▼

X  

1621997 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1621997
Description  Cable connector - SH-8ESC58A8LDL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1621997 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1621997 Datasheet HTML 1Page - PHOENIX CONTACT 1621997 Datasheet HTML 2Page - PHOENIX CONTACT 1621997 Datasheet HTML 3Page - PHOENIX CONTACT 1621997 Datasheet HTML 4Page - PHOENIX CONTACT 1621997 Datasheet HTML 5Page - PHOENIX CONTACT 1621997 Datasheet HTML 6Page - PHOENIX CONTACT 1621997 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/products/1621997
08/23/2016   Page 2 / 7
Cable connector - SH-8ESC58A8LDL - 1621997
Technical data
Data of the insulating body
Type of contacts
Socket
Number of positions
13
Contact diameter of power contacts
2 mm
Litz wire cross section of power contacts min.
0.25 mm²
Litz wire cross section of power contacts max.
4 mm²
Nominal current per power contact at 25°C
30 A
Nominal voltage, power contact
630 V AC
850 V DC
Contact diameter of signal contacts
1 mm
Litz wire cross section of signal contacts min.
0.06 mm²
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact at 25°C
8 A
Nominal voltage, signal contact
50 V
Contact diameter, data contacts
0.8 mm
Litz wire cross section, data contacts, min.
0.08 mm²
Litz wire cross section, data contacts, max.
0.5 mm²
Nominal current per data contact at 25°C
3.6 A
Nominal voltage of data contact
50 V
Overvoltage category
III
Degree of pollution
3
Housing data
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Type of locking
Screw locking
Degree of protection (when plugged in)
IP67
IP68
Thread type
M23
Cable seal data
Min. cable diameter
7.5 mm
Max. cable diameter
18 mm
Drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com