Electronic Components Datasheet Search
  English  ▼

X  

2SC2712 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # 2SC2712
Description  GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SC2712 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  2SC2712 Datasheet HTML 1Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 2Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 3Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 4Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SC2712
GENERAL PURPOSE TRANSISTOR
NPN 150mW 150mA 50V
REV1.0
- AUG 2017 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The 2SC2712 is available in SOT-23 package
Low noise: NF=1dB(Typ.), 10dB(Max.)
Complementary to 2SA1162
High Voltage and high Current
High hEF linearity
Available in SOT-23 package
ORDERING INFORMATION
APPLICATIONS
Package Type
Part Number
SOT-23
2SC2712O
2SC2712Y
2SC2712G
2SC2712L
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products
Audio frequency general purpose amplifier
applications.
PIN DESCRIPTION


Similar Part No. - 2SC2712

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2712 TOSHIBA-2SC2712 Datasheet
210Kb / 3P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLFIER APPLICATIONS)
logo
Weitron Technology
2SC2712 WEITRON-2SC2712 Datasheet
338Kb / 5P
Silicon NPN Transistors
logo
Unisonic Technologies
2SC2712 UTC-2SC2712 Datasheet
113Kb / 4P
AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
logo
Toshiba Semiconductor
2SC2712 TOSHIBA-2SC2712 Datasheet
624Kb / 5P
Silicon NPN Epitaxial Type (PCT process)
logo
Galaxy Semi-Conductor H...
2SC2712 BILIN-2SC2712 Datasheet
173Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC2712

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBT3904T MCC-MMBT3904T Datasheet
115Kb / 3P
150mW NPN General Purpose Amplifier
MMBT3904T MCC-MMBT3904T_11 Datasheet
221Kb / 3P
150mW NPN General Purpose Amplifier
logo
Rohm
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
PNP -150mA -50V General Purpose Transistors
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
General Purpose Transistor (-50V, -150mA)
logo
Micro Commercial Compon...
MMBT3904T MCC-MMBT3904T_13 Datasheet
249Kb / 3P
NPN General Purpose Amplifier 150mW
logo
Rohm
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
logo
AiT Semiconductor Inc.
C945H AITSEMI-C945H Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
General purpose Transistor (50V, 150mA)
20221201 - Rev.002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com