Electronic Components Datasheet Search
  English  ▼

X  

2SC2712 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 2SC2712
Description  GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SC2712 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  2SC2712 Datasheet HTML 1Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 2Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 3Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 4Page - AiT Semiconductor Inc. 2SC2712 Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SC2712
GENERAL PURPOSE TRANSISTOR
NPN 150mW 150mA 50V
REV1.0
- AUG 2017 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
VCBO, Collector-Base Voltage(IE=0)
60V
VCEO, Collector-Emitter Voltage(IB=0)
50V
VEBO, Emitter-Base Voltage(IC=0)
5V
IC, Collector Current-Continuous
150mA
PC, Collector Dissipation(TA =25°C)NOTE1
150mW
TJ, TSTG, Junction and Storage Temperature
-55°C ~150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NOTE1: Device is mounted on a printed circuit board.
ELECTRICAL CHARACTERISTICS
TA=25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100μA, IE=0
60
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC= 0.1mA, IB=0
50
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=100μA,IC=0
5
-
-
V
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
0.1
uA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
uA
DC Current Gain
hFE
VCE=6V, IC=2mA
O
70
-
140
Y
120
-
240
G
200
-
400
L
350
-
700
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
-
0.1
0.25
V
Transition Frequency
fT
VCE=10V, IC=1mA
80
-
-
MHz
Output Capacitance
Cob
VCB=10V, IE=0,
f=1kHz
-
2.0
3.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA,
f=1kHz
-
1.0
10
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com