Electronic Components Datasheet Search
  English  ▼

X  

AS5304 Datasheet(PDF) 11 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 11 Page - ams AG

Back Button AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG AS5304 Datasheet HTML 10Page - ams AG AS5304 Datasheet HTML 11Page - ams AG AS5304 Datasheet HTML 12Page - ams AG AS5304 Datasheet HTML 13Page - ams AG AS5304 Datasheet HTML 14Page - ams AG AS5304 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ams Datasheet
Page 11
[v2-00] 2017-May-03
Document Feedback
AS5304/AS5306 − Detailed Description
Figure 12:
Electrical Connection of the AS5304 / AS5306
Incremental Quadrature AB Output
The digital output is compatible to optical incremental encoder
outputs. Direction of rotation is encoded into two signals A and
B that are phase-shifted by 90º. Depending on the direction of
rotation, A leads B (CW) or B leads A (CCW).
Index Pulse
A single index pulse is generated once for every pole pair. One
pole pair is interpolated to 40 quadrature pulses (160 steps), so
one index pulse is generated after every 40 quadrature pulses
(see Figure 13).
The Index output is switched to Index = high, when a magnet
is placed over the Hall array as shown in Figure 14, top graph:
the north pole of the magnet is placed over the left side of the
IC (top view, pin#1 at bottom left) and the south pole is placed
over the right side of the IC.
The index output will switch back to Index = low, when the
magnet is moved by one LSB from position X=0 to X=X1, as
shown in Figure 14, bottom graph. One LSB is 25μm for AS5304
and 15μm for AS5306.
Note(s): Since the small step size of 1 LSB is hardly recognizable
in a correctly scaled graph it is shown as an exaggerated step
in the bottom graph of Figure 14.
VSS
A
VDDP
VDD
AO
TEST
B
TEST_GND
NC
INDEX
NC
NC
TEST
TEST
TEST
TEST
TEST
TEST
VDDA
ZPZ
6
1
2
9
7
8
5
3
4
10
15
20
19
12
14
13
16
18
17
11
Quadrature
Position A
Quadrature
Position B
No Connect
No Connect
No Connect
Index
VDD=5V
0.1uF
10uF
(optional)
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
HOST
uC
VDD=5V
10K
AS5304B,
AS5306B
ONLY!
AS5304A
AS5304B
AS5306A
AS5306B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com