Electronic Components Datasheet Search
  English  ▼

X  

AS5304 Datasheet(PDF) 18 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 18 Page - ams AG

Back Button AS5304 Datasheet HTML 14Page - ams AG AS5304 Datasheet HTML 15Page - ams AG AS5304 Datasheet HTML 16Page - ams AG AS5304 Datasheet HTML 17Page - ams AG AS5304 Datasheet HTML 18Page - ams AG AS5304 Datasheet HTML 19Page - ams AG AS5304 Datasheet HTML 20Page - ams AG AS5304 Datasheet HTML 21Page - ams AG AS5304 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Page 18
ams Datasheet
Document Feedback
[v2-00] 2017-May-03
AS5304/AS5306 − Detailed Description
Dynamic Non-Linearity (DNL)
The DNL (dynamic non-linearity) describes the non-linearity of
the incremental outputs from one step to the next. In an ideal
system, every change of the incremental outputs would occur
after exactly one LSB (e.g. 25μm on AS5304). In practice
however, this step size is not ideal, the output state will change
after 1LSB ±DNL. The DNL must be < ±½ LSB to avoid a missing
code. Consequently, the incremental outputs will change when
the magnet movement over the IC is minimum 0.5 LSB and
maximum 1.5 LSBs.
Figure 18:
DNL of AS5304 (left) and AS5306 (right)
1 LSB+DNL
1 LSB-DNL
1LSB
lateral magnet movement
37.5µm
25µm
12.5µm
AS5304:
DNL (dynamic non-linearity
1 LSB+DNL
1 LSB-DNL
1LSB
lateral magnet movement
22.5µm
15µm
7.5µm
AS5306:
DNL (dynamic non-linearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com