Electronic Components Datasheet Search
  English  ▼

X  

TSL252R Datasheet(PDF) 9 Page - ams AG

Part # TSL252R
Description  Light-to-Voltage Optical Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL252R Datasheet(HTML) 9 Page - ams AG

Back Button TSL252R Datasheet HTML 5Page - ams AG TSL252R Datasheet HTML 6Page - ams AG TSL252R Datasheet HTML 7Page - ams AG TSL252R Datasheet HTML 8Page - ams AG TSL252R Datasheet HTML 9Page - ams AG TSL252R Datasheet HTML 10Page - ams AG TSL252R Datasheet HTML 11Page - ams AG TSL252R Datasheet HTML 12Page - ams AG TSL252R Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ams Datasheet
Page 9
[v1-00] 2016-May-30
Document Feedback
TSL250R, TSL251R, TSL252R − Typical Characteristics
Figure 10:
Normalized Output Voltage vs. Angular Displacement
Figure 11:
Output Voltage vs. Irradiance
Typical Characteristics
0.4
0
1
0.8
0.6
0.2
Angular Displacement
TSL250R
80
60
40
20
0
80
60
40
20
TSL252R
TSL251R
0.01
0.1
1
10
100
0.1
1
10
Ee Irradiance
W/cm2
VDD = 5 V
p = 635 nm
RL = 10 kW
TA = 25 C
TSL250R
TSL251R
TSL252R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com