Electronic Components Datasheet Search
  English  ▼

X  

TSL252R Datasheet(PDF) 1 Page - ams AG

Part # TSL252R
Description  Light-to-Voltage Optical Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL252R Datasheet(HTML) 1 Page - ams AG

  TSL252R Datasheet HTML 1Page - ams AG TSL252R Datasheet HTML 2Page - ams AG TSL252R Datasheet HTML 3Page - ams AG TSL252R Datasheet HTML 4Page - ams AG TSL252R Datasheet HTML 5Page - ams AG TSL252R Datasheet HTML 6Page - ams AG TSL252R Datasheet HTML 7Page - ams AG TSL252R Datasheet HTML 8Page - ams AG TSL252R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ams Datasheet
Page 1
[v1-00] 2016-May-30
Document Feedback
TSL250R, TSL251R,
TSL252R
Light-to-Voltage Optical Sensors
The TSL250R, TSL251R, and TSL252R are light-to-voltage optical
sensors, each combining a photodiode and a transimpedance
amplifier (feedback resistor = 16MΩ, 8MΩ, and 2.8MΩ
respectively) on a single monolithic IC. Output voltage is
directly proportional to the light intensity (irradiance) on the
photodiode. These devices have improved amplifier
offset-voltage stability and low power consumption and are
supplied in a 3-lead clear plastic sidelooker package with an
integral lens. When supplied in the lead (Pb) free package, the
device is RoHS compliant.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL250R, TSL251R, and TSL252R
light-to-voltage optical sensors are listed below:
Figure 1:
Added Value of Using TSL250R, TSL251R, and TSL252R
• Monolithic silicon IC containing photodiode, operational
amplifier, and feedback components
• Converts light intensity to a voltage
• Compact 3-lead clear plastic package
• Single voltage supply operation
• Low dark (offset) voltage... 10mV max
• Low supply current... 1.1mA typical
• Wide supply-voltage range... 2.7V to 5.5V
• Replacements for TSL250, TSL251, and TSL252
• RoHS compliant
Benefits
Features
• Enables Extremely Fast Response to Change
• Single Photo-Diode and Transimpedance Architecture
• Enables Fast Response to Visible Light in
Range of 400nm to 700nm Wavelengths
• 260μs Output Rise-Time Response (TSL250R)
• Provides for High Sensitivity to Detect a Small
Change in Light
• High Irradiance Responsivity 137mV/(μW/cm2)
@ λp = 635nm (TSL250R)
• Provides Additional Sensitivity Advantages
• 2x Gain Lens
General Description


Similar Part No. - TSL252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL252R ETC-TSL252R Datasheet
95Kb / 8P
LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL252R TAOS-TSL252R Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL252R AMSCO-TSL252R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252R AMSCO-TSL252R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL252R-LF TAOS-TSL252R-LF Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results

Similar Description - TSL252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
LIGHTTOVOLTAGE OPTICAL SENSORS
TSL260 ETC-TSL260 Datasheet
135Kb / 10P
IR LIGHTTOVOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL260 TI1-TSL260 Datasheet
133Kb / 9P
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com