Electronic Components Datasheet Search
  English  ▼

X  

IRF710 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRF710
Description  Power MOSFET FEATURES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF710 Datasheet(HTML) 2 Page - Vishay Siliconix

  IRF710 Datasheet HTML 1Page - Vishay Siliconix IRF710 Datasheet HTML 2Page - Vishay Siliconix IRF710 Datasheet HTML 3Page - Vishay Siliconix IRF710 Datasheet HTML 4Page - Vishay Siliconix IRF710 Datasheet HTML 5Page - Vishay Siliconix IRF710 Datasheet HTML 6Page - Vishay Siliconix IRF710 Datasheet HTML 7Page - Vishay Siliconix IRF710 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF710
www.vishay.com
Vishay Siliconix
S21-0853-Rev. C, 16-Aug-2021
2
Document Number: 91041
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. Pulse width
≤ 300 μs; duty cycle ≤ 2 %
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum junction-to-ambient
RthJA
-62
°C/W
Case-to-sink, flat, greased surface
RthCS
0.50
-
Maximum junction-to-case (drain)
RthJC
-3.5
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
400
-
-
V
VDS temperature coefficient
ΔVDS/TJ
Reference to 25 °C, ID = 1 mA
-
0.47
-
V/°C
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-source leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = 400 V, VGS = 0 V
-
-
25
μA
VDS = 320V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-source on-state resistance
RDS(on)
VGS = 10 V
ID = 1.2 A b
--
3.6
Ω
Forward transconductance
gfs
VDS = 50 V, ID = 1.2 A b
1.0
-
-
S
Dynamic
Input capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
170
-
pF
Output capacitance
Coss
-34
-
Reverse transfer capacitance
Crss
-6.3
-
Total gate charge
Qg
VGS = 10 V
ID = 2.0 A, VDS = 320 V
see fig. 6 and 13 b
--
17
nC
Gate-source charge
Qgs
--
3.4
Gate-drain charge
Qgd
--
8.5
Turn-on delay time
td(on)
VDD = 200 V, ID = 2.0 A,
Rg = 24
Ω, RD= 95 Ω
see fig. 10 b
-8.0
-
ns
Rise time
tr
-9.9
-
Turn-off delay time
td(off)
-21
-
Fall time
tf
-11
-
Gate input resistance
Rg
f = 1 MHz, open drain
1.7
-
11.2
Ω
Internal drain inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal source inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
2.0
A
Pulsed diode forward current a
ISM
--
6.0
Body diode voltage
VSD
TJ = 25 °C, IS = 2.0 A, VGS = 0 V b
--
1.6
V
Body diode reverse recovery time
trr
TJ = 25 °C, IF = 2.0 A,
dI/dt = 100 A/μs b
-
240
540
ns
Body diode reverse recovery charge
Qrr
-
0.85
1.6
μC
Forward turn-on time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com