Electronic Components Datasheet Search
  English  ▼

X  

IRF710 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IRF710
Description  Power MOSFET FEATURES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF710 Datasheet(HTML) 3 Page - Vishay Siliconix

  IRF710 Datasheet HTML 1Page - Vishay Siliconix IRF710 Datasheet HTML 2Page - Vishay Siliconix IRF710 Datasheet HTML 3Page - Vishay Siliconix IRF710 Datasheet HTML 4Page - Vishay Siliconix IRF710 Datasheet HTML 5Page - Vishay Siliconix IRF710 Datasheet HTML 6Page - Vishay Siliconix IRF710 Datasheet HTML 7Page - Vishay Siliconix IRF710 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF710
www.vishay.com
Vishay Siliconix
S21-0853-Rev. C, 16-Aug-2021
3
Document Number: 91041
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
91041_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
100
10-1
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91041_02
4.5 V
20 µs Pulse Width
V
DS = 50 V
100
10-1
VGS, Gate-to-Source Voltage (V)
5
6
789
10
4
25
°C
150
°C
91041_03
I
D = 2.0 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91041_04
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160
3.5
400
300
200
0
100
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91041_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
0
4
12
10
8
6
V
DS = 80 V
V
DS = 200 V
For test circuit
see figure 13
V
DS = 320 V
91041_06
I
D = 2.0 A
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com