Electronic Components Datasheet Search
  English  ▼

X  

MAX14432FASE+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14432FASE+
Description  Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432FASE+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14432FASE+ Datasheet HTML 9Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 10Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 11Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 12Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 13Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 14Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 15Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 16Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Note 5: VISO, VIOTM, VIOSM, VIOWM, and VIORM are defined by the IEC 60747-5-5 standard.
Note 6: Product is qualified at VISO for 60s and 100% production tested at 120% of VISO for 1s.
Note 7: Devices are immersed in oil during surge characterization.
Note 8: Capacitance is measured with all pins on field-side and logic-side tied together.
Table 2. QSOP Insulation Characteristics
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNITS
Partial Discharge Test Voltage
VPR
Method B1 = VIORM x 1.875
(t = 1s, partial discharge < 5pC)
1182
VP
Maximum Repetitive Peak
Isolation Voltage
VIORM
(Note 5)
630
VP
Maximum Working Isolation
Voltage
VIOWM
Continuous RMS voltage
(Note 5)
445
VRMS
Maximum Transient Isolation
Voltage
VIOTM
t = 1s (Note 5)
4242
VP
Maximum Withstand Isolation
Voltage
VISO
fSW = 60Hz, duration = 60s (Note 5, 6)
3000
VRMS
Maximum Surge Isolation
Voltage
VIOSM
Basic Insulation, 1.2/50µs pulse per
IEC 61000-4-5 (Note 5, 7)
7.5
kV
Insulation Resistance
RIO
VIO = 500V, TA = 25°C
> 1012
Ω
VIO = 500V, 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500V at TA = 150°C
> 109
Barrier Capacitance Side A to
Side B
CIO
fSW = 1MHz (Note 8)
2
pF
Minimum Creepage Distance
CPG
QSOP
4
mm
Minimum Clearance Distance
CLR
QSOP
4
mm
Internal Clearance
Distance through insulation
0.015
mm
Comparative Tracking Index
CTI
Material Group II (IEC 60112)
> 400
Climate Category
40/125/21
Pollution Degree
(DIN VDE 0110, Table 1)
2
www.analog.com
Analog Devices │ 13
MAX14430–MAX14432
Four-Channel, Fast, Low-Power,
3kVRMS and 3.75kVRMS Digital Isolators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com