Electronic Components Datasheet Search
  English  ▼

X  

MAX14432FASE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14432FASE+
Description  Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432FASE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14432FASE+ Datasheet HTML 1Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 2Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 3Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 4Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 5Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 6Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 7Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 8Page - Maxim Integrated Products MAX14432FASE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VDDA
Relative to GNDA
1.71
5.5
V
VDDB
Relative to GNDB
1.71
5.5
Undervoltage-Lockout
Threshold
VUVLO_
VDD_ rising
1.5
1.6
1.66
V
Undervoltage-Lockout
Threshold Hysteresis
VUVLO_HYST
45
mV
Supply Current (MAX14430_)
(Note 2)
IDDA
500kHz square
wave, CL = 0pF
VDDA = 5V
0.52
0.96
mA
VDDA = 3.3V
0.51
0.93
VDDA = 2.5V
0.50
0.92
VDDA = 1.8V
0.49
0.64
12.5MHz square
wave, CL = 0pF
VDDA = 5V
1.63
2.42
VDDA = 3.3V
1.59
2.36
VDDA = 2.5V
1.58
2.33
VDDA = 1.8V
1.54
2.00
50MHz square
wave, CL = 0pF
VDDA = 5V
4.5
6.14
VDDA = 3.3V
4.39
6.00
VDDA = 2.5V
4.35
5.93
VDDA = 1.8V
4.21
5.43
Supply Current (MAX14430_)
(Note 2)
IDDB
500kHz square
wave, CL = 0pF
VDDB = 5V
0.87
1.47
mA
VDDB = 3.3V
0.82
1.41
VDDB = 2.5V
0.81
1.39
VDDB = 1.8V
0.79
1.32
12.5MHz square
wave, CL = 0pF
VDDB = 5V
2.97
3.84
VDDB = 3.3V
2.00
2.74
VDDB = 2.5V
1.69
2.36
VDDB = 1.8V
1.43
2.02
50MHz square
wave, CL = 0pF
VDDB = 5V
9.52
11.17
VDDB = 3.3V
5.68
6.88
VDDB = 2.5V
4.45
5.38
VDDB = 1.8V
3.46
4.18
www.analog.com
Analog Devices │ 3
MAX14430–MAX14432
Four-Channel, Fast, Low-Power,
3kVRMS and 3.75kVRMS Digital Isolators
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com