Electronic Components Datasheet Search
  English  ▼

X  

PI2PCIE412-D Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI2PCIE412-D
Description  Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE412-D Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI2PCIE412-D Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PS8788B
01/23/06
PI2PCIE412-D
Enhanced, 1.8V, PCI Express Compliant,
4-Differential Channel, 2:1 Mux/DeMux Switch
Ordering Information
Ordering Code
Package Code
Package Description
PI2PCIE412-DZHE
ZH
Pb-free & Green, 42-contact TQFN
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• "E" denotes Pb-free and Green
• Adding an "X" at the end of the ordering code denotes tape and reel packaging
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanical: 42-Contact TQFN (ZH)
3.50±0.10
0.25±.05
0.20 REF.
0.6±.03
0.80±0.04
2.05±.05
Pin #1
Corner
Pin #1
Corner
0.4±0.05



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com