Electronic Components Datasheet Search
  English  ▼

X  

PI2PCIE412-D Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2PCIE412-D
Description  Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE412-D Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2PCIE412-D Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8788B
01/23/06
Features
• 4 Differential Channel, 2:1 Mux/DeMux
• PCI Express signal compliance
• Low Bit-to-Bit Skew , 10ps max (between '+' and '-' bits)
• Low Crosstalk: -65dB@10 MHz
• Low Off Isolation: -65dB@10 MHz
• VCC Operating Range: +1.5V to +2.0V
• ESD Tolerance: 8kV HBM I/O; 2kV HBM select pin
• Low channel-to-channel skew, 35ps max
• Packaging (Pb-free & Green):
– 42-contact, TQFN (ZH42)
Description
Pericom Semiconductor’s PI2PCIE412-D is an 8 to 4 differential
channel multiplexer/demultiplexer switch. This solution can
switch 2 full PCI Express lanes to one of two locations. Using
a unique design technique, Pericom has been able to minimize
the impedance of the switch such that the attenuation observed
through the switch is negligible. The unique design technique
also offers a layout targeted for PCI Express signals, which
minimizes the channel to channel skew as well as channel to
channel crosstalk as required by the PCI Express specification.
Application
Switch a PCI-Express lane output between two PCI Express lane
inputs.
Block Diagram
Pin Description
PI2PCIE412-D
Enhanced, 1.8V, PCI Express Compliant,
4-Differential Channel, 2:1 Mux/DeMux Switch,
w/ Single Enable
SEL
A7
A6
A5
A4
A3
A2
A1
A0
1B1
0B1
3B1
2B1
1B2
0B2
3B2
2B2
5B1
4B1
7B1
6B1
5B2
4B2
7B2
6B2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
42 41 40 39
18 19 20 21
0B1
1B1
2B1
3B1
0B2
1B2
2B2
3B2
VDD
4B1
5B1
6B1
7B1
4B2
5B2
6B2
7B2
GND
A0
A1
GND
VDD
A2
A3
VDD
SEL
GND
A4
A5
VDD
GND
A6
A7
GND
GND
Truth Table
Function
SEL
AN to NB1
L
AN to NB2
H


Similar Part No. - PI2PCIE412-D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE212ZHE PERICOM-PI2PCIE212ZHE Datasheet
284Kb / 8P
1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212 PERICOM-PI2PCIE2212 Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
More results

Similar Description - PI2PCIE412-D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com