Electronic Components Datasheet Search
  English  ▼

X  

PI6C410M Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C410M
Description  Clock Generator for Intel PCI Express Mobile Chipset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410M Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C410M Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
PS8736C
12/19/05
PI6C410M/410MA
Clock Generator for Intel
PCI Express Mobile Chipset
Data Byte 4: Control Register
Bit
Descriptions
Type
Power Up
Condition
Output(s) Affected
Pin
Source
Pin
0
CPU_0 Output Control
0 = Free Running,
1 = Stopped with CPU_STOP#
RW
1 = Stopped with
CPU_STOP#
assertion
CPU_0
43, 44
NA
1
CPU_1 Output Control
0 = Free Running,
1 = Stopped with CPU_STOP#
RW
1 = Stopped with
CPU_STOP#
assertion
CPU_1
40, 41
NA
2
CPU_2 Output Control
0 = Free Running,
1 = Stopped with CPU_STOP#
RW
1 = Stopped with
CPU_STOP#
assertion
CPU_2
35, 36
NA
3
PCIF_0 Output Control
0 = Free Running,
1 = Stopped with PCI_STOP#
RW
0 = Free running,
not affected by
PCI_STOP#
PCIF_0
8
NA
4
PCIF_1 Output Control
0 = Free Running,
1 = Stopped with PCI_STOP#
RW
0 = Free running,
not affected by
PCI_STOP#
PCIF_1
9
NA
5
Reserved
RW
6
DOT_Pwrdwn drive mode
1 = Hi-Z, 0 = Driven in Pwrdwn
RW
0 = Driven in
power down
DOT_96 &
DOT_96#
14, 15
NA
7
Reserved
RW
Data Byte 5: Control Register
Bit
Descriptions
Type
Power Up
Condition
Output(s) Affected
Pin
Source
Pin
0
CPU_0 Pwrdwn drive mode
1 = Hi-Z, 0 = Driven in Pwrdwn
RW
0 = Driven in
power down
CPU_0 & CPU_0#
43, 44
NA
1
CPU_1 Pwrdwn drive mode
1 = Hi-Z, 0 = Driven in Pwrdwn
RW
0 = Driven in
power down
CPU_1 & CPU_1#
40, 41
NA
2
CPU_2 Pwrdwn drive mode
1 = Hi-Z, 0 = Driven in Pwrdwn
RW
0 = Driven in
power down
CPU_2 & CPU_2#
35, 36
NA
3
SRC_Pwrdwn drive mode
1 = Hi-Z, 0 = Driven in Pwrdwn
RW
0 = Driven in
power down
SRC[0:7] &
SRC[0:7]#
17, 18, 19, 20, 22,
23, 24, 25, 26, 27,
30, 31, 32, 35, 36
NA
4
CPU_0 Stop drive mode
1 = Hi-Z, 0 = Driven in CPU Stop
RW
0 = Driven in
CPU_STOP
CPU_0 & CPU_0#
43, 44
NA
5
CPU_1 Stop drive mode
1 = Hi-Z, 0 = Driven in CPU Stop
RW
0 = Driven in
CPU_STOP
CPU_1 & CPU_1#
40, 41
NA
6
CPU_2 Stop drive mode
1 = Hi-Z, 0 = Driven in CPU Stop
RW
0 = Driven in
CPU_STOP
CPU_2 & CPU_2#
35, 36
NA
7
SRC_Stop drive mode
1 = Hi-Z, 0 = Driven in PCI Stop
RW
0 = Driven in
PCI_STOP
SRC[0:7] &
SRC[0:7]#
17, 18, 19, 20, 22,
23
24, 25, 26, 27, 30,
31
32, 33, 35, 36
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com