Electronic Components Datasheet Search
  English  ▼

X  

PI6C410MA Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C410MA
Description  Clock Generator for Intel PCI Express Mobile Chipset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410MA Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C410MA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 16Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
PS8736C
12/19/05
PI6C410M/410MA
Clock Generator for Intel
PCI Express Mobile Chipset
SRC Tristate clock truth table
Signal
Pwrdwn
PCI_STOP#
PCI_Stop
Tristate Bit
Pwrdwn
Tristate Bit
Non-stop
Stoppable
pin
pin
Outputs
Outputs
SRC[0:7]
0
1
X
X
Running
Running
0
0
0
X
Running
Driven @ Iref x 6
0
0
1
X
Running
Tristate
1
X
X
0
Driven @ Iref x 2
Driven @ Iref x 2
1
X
X
1
Tristate
Tristate
Tristate Specifications
CPU Tristate clock truth table
Signal
Pwrdwn
CPU_STOP#
CPU_Stop
Tristate Bit
Pwrdwn
Tristate Bit
Non-stop
Stoppable
pin
pin
Outputs
Outputs
CPU[0:2]
0
1
X
X
Running
Running
0
0
0
X
Running
Driven @ Iref x 6
0
0
1
X
Running
Tristate
1
X
X
0
Driven @ Iref x 2
Driven @ Iref x 2
1
X
X
1
Tristate
Tristate
CPU Clock Tristate Timing
Figure 10. CPU_STOP = Driven, CPU_PWRDWN = Driven, DOT_PWRDWN = Driven
DOT Tristate clock truth table
Signal
Pwrdwn
Pwrdwn Tristate Bit
Stoppable
pin
Outputs
DOT96
0
X
Running
1
0
Driven @ Iref x 2
1
1
Tristate
CPU_Stop#
PWRDWN
CPU (Free Running)
CPU# (Free Running)
CPU (Stoppable)
CPU# (Stoppable)
DOT
DOT#
1.8ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com