Electronic Components Datasheet Search
  English  ▼

X  

PI6C410MA Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PI6C410MA
Description  Clock Generator for Intel PCI Express Mobile Chipset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410MA Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PI6C410MA Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 16Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 17Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 18Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 19Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 20Page - Pericom Semiconductor Corporation PI6C410MA Datasheet HTML 21Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
PS8736C
12/19/05
PI6C410M/410MA
Clock Generator for Intel
PCI Express Mobile Chipset
Ordering Information(1,2,3)
Ordering Code
Package Code
Package Description
PI6C410MA
A
56-Pin, 240mil wide, 0.5mm pitch TSSOP
PI6C410MAE
A
Pb-free & Green 56-Pin, 240mil wide, 0.5mm pitch TSSOP
PI6C410MAAE
A
Pb-free & Green 56-Pin, 240mil wide, 0.5mm pitch TSSOP
PI6C410MAAEX
A
Pb-free & Green 56-Pin, 240mil wide, 0.5mm pitch TSSOP , Tape and Reel
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2.
E = Pb-free and Green
3. X Suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechcanical: 56-Pin, 240mil wide, 0.5mm pitch TSSOP (A)
����
����
�������������
����
����
����
������
�
��
����
����
����
����
����
����
����
����
����
����
����
�������������������
��������������
����
����
����
����
����
����
����
���
���
����
����
����
����
����
����
�����
����
���



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com