Electronic Components Datasheet Search
  English  ▼

X  

MAX40016 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX40016
Description  4-Decade Current Sense Amplifier with Integrated Current Sense Element
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40016 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX40016 Datasheet HTML 1Page - Maxim Integrated Products MAX40016 Datasheet HTML 2Page - Maxim Integrated Products MAX40016 Datasheet HTML 3Page - Maxim Integrated Products MAX40016 Datasheet HTML 4Page - Maxim Integrated Products MAX40016 Datasheet HTML 5Page - Maxim Integrated Products MAX40016 Datasheet HTML 6Page - Maxim Integrated Products MAX40016 Datasheet HTML 7Page - Maxim Integrated Products MAX40016 Datasheet HTML 8Page - Maxim Integrated Products MAX40016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX40016 is a very wide range current sense amplifier
(CSA) with internal sense element that senses from less
than 300µA to greater than 3A current range. The 4-decade
sensed current functions with 1% (typical) gain error and
offers three, multiplexed programmable output ranges in
order to interface with 12-bit ADCs. Having an integrated
sense element has the extra advantage that the entire
current measuring path can be factory-trimmed, saving the
user from having to calibrate independent sense resistors
and CSAs. The MAX40016 (WLP package) drops a typical
of 60mV at 3A from the voltage input to load output.
The MAX40016's integrated current-sensing element
saves the space and cost of an external high-power,
precision current sense resistor. The MAX40016 is offered
in an ultra-tiny, 1.98mm x 1.31mm, 15-bump wafer-
level package (WLP), further reducing board space. The
MAX40016 is also available in a 4mm x 4mm 16-pin
TQFN package.
The MAX40016 operates with a supply voltage from 2.5V
to 5.5V. The device features a low-power mode in which
the current-sensing element remains on, but the outputs
are turned off to reduce the total supply current below
10µA (max).
The MAX40016 also includes a committed on-board
amplifier with an internal gain of 1.5V/V. The MAX40016
operates over the -40°C to +125°C temperature range.
Applications
● Mobile Devices
● RF Power Monitoring
● Portable Instruments
Ordering Information appears at end of data sheet.
19-100232; Rev 2; 11/18
Benefits and Features
● Integrated Current Sense Element Saves The Space
and Cost of Expensive Precision Sense Resistors
● 4-Decade Measurement Range
• Maintains Accuracy from < 300µA to > 3A
● Withstands Overloads to 4A
● Low Voltage Drop Across Sense Element
• 60mV (Active Mode, 3A Load, WLP Package)
• 35mV (Low Power Mode, 3A Load, WLP Package)
● Three Multiplexed Scaling Resistor Outputs Allow
Full Dynamic Range while Interfaced to 12-bit ADCs
● +2.5V to +5.5V Input Supply Voltage Range
● Low Power Mode Reduces Supply Current to 10µA
Max
● Space-Saving
• Tiny 1.98mm x 1.3mm, 15-Bump WLP
• 4mm x 4mm 16-Pin TQFN
● -40°C to +125°C Operating Temperature Range
MAX40016
4-Decade Current Sense Amplifier
with Integrated Current Sense Element
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX40016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
995Kb / 9P
Integrated Current Sense Element
Rev 0; 10/17
logo
Analog Devices
MAX40016 AD-MAX40016 Datasheet
932Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
Rev 2 11/18
MAX40016ANL+T AD-MAX40016ANL+T Datasheet
932Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
Rev 2 11/18
MAX40016ATE+T AD-MAX40016ATE+T Datasheet
932Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
Rev 2 11/18
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
Integrated Current Sense Element
Rev 0; 10/17
More results

Similar Description - MAX40016

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12FR005 OHMITE-12FR005 Datasheet
139Kb / 1P
Axial Wire Element Current Sense
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Ohmite Mfg. Co.
13FR025E OHMITE-13FR025E Datasheet
144Kb / 1P
Axial Wire Element Current Sense
logo
List of Unclassifed Man...
12FR050E ETC2-12FR050E Datasheet
143Kb / 1P
Axial Wire Element Current Sense
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
Metal Element Current Sense
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
Integrated Current Sense Element
Rev 0; 10/17
logo
Rohm
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com