Electronic Components Datasheet Search
  English  ▼

X  

MAX40016 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX40016
Description  4-Decade Current Sense Amplifier with Integrated Current Sense Element
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40016 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX40016 Datasheet HTML 14Page - Maxim Integrated Products MAX40016 Datasheet HTML 15Page - Maxim Integrated Products MAX40016 Datasheet HTML 16Page - Maxim Integrated Products MAX40016 Datasheet HTML 17Page - Maxim Integrated Products MAX40016 Datasheet HTML 18Page - Maxim Integrated Products MAX40016 Datasheet HTML 19Page - Maxim Integrated Products MAX40016 Datasheet HTML 20Page - Maxim Integrated Products MAX40016 Datasheet HTML 21Page - Maxim Integrated Products MAX40016 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
The next step is to choose the value of RF. Two charac-
teristics of the ADC should be considered when calculat-
ing RF: the acquisition time of converter (TACQ) and the
ADC sampling capacitance (CIN). In addition, the RC
network will require several time constants to settle once
the sampling switch is closed. If the ADC’s resolution is
12 bits, and the input needs to settle to less than 0.5LSB,
then 9 time constants will be required. Because settling
must occur during the acquisition period, RF * CF * 9 must
be less than or equal to TACQ if the error introduced by
the external RC network is to be less than 0.5LSB. This
results in a value of 139Ω or less for RF.
Finally, to ensure stability, the cutoff frequency of the
RF-CF low-pass filter should be smaller than the gain-
bandwidth product of the amplifier. Choosing 130Ω
and 1.2nF yields about 1MHz which is smaller than the
1.5MHz gain-bandwidth product of the amplifier. Note
that Voltage at ISH, ISM, ISL pins should not exceed
1.1V for proper operation (see Input Voltage Range Under
Amplifier section of the Electrical Characteristics table).
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX40016ANL+T -40°C to +125°C
15 WLP
+AAB
MAX40016ATE+T -40°C to +125°C
16 TQFN
—
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Denotes tape-and-reel.
Ordering Information
www.maximintegrated.com
Maxim Integrated │ 21
MAX40016
4-Decade Current Sense Amplifier
with Integrated Current Sense Element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com