Electronic Components Datasheet Search
  English  ▼

X  

MDEV-868-NT Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-868-NT
Description  868MHz NT Series Master Development System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-NT Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-868-NT Datasheet HTML 5Page - Linx Technologies MDEV-868-NT Datasheet HTML 6Page - Linx Technologies MDEV-868-NT Datasheet HTML 7Page - Linx Technologies MDEV-868-NT Datasheet HTML 8Page - Linx Technologies MDEV-868-NT Datasheet HTML 9Page - Linx Technologies MDEV-868-NT Datasheet HTML 10Page - Linx Technologies MDEV-868-NT Datasheet HTML 11Page - Linx Technologies MDEV-868-NT Datasheet HTML 12Page - Linx Technologies MDEV-868-NT Datasheet HTML 13Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
–
–
–
–
BOARD CONTROL
MODE_SEL
TX_SEL
RNG_SEL
RX_SEL
CH_BD_CTL
ALL_EN
TR_CTL1
TR_CTL2
DATA_CTL1
DATA_CTL2
PROTO_LED
PDN
TX_LED
RX_LED
STDBY
ACTV_LED
PDN_LED
STBY_LED
GND
DACOUT/AN2/RA2
4
AN3/RA3
5
RA4
6
SS/AN4/RA5
7
VSS
8
OSC1/RA7
9
OSC2/RA6
10
RC0
11
RC1
12
RC2
13
RA0/AN0/SS
2
RA1/AN1
3
RB3/AN9
24
RB4/AN11
25
RB5/AN13
26
RB6/PGC
27
20
RB0/AN12/INT
21
RB1/AN10
22
RB2/AN8
23
RX/RC7
18
19
RB7/PGD
28
RE3/MCLR/VPP
1
SCL/SCK/RC3
14
SDA/SDI/RC4
15
SDO/RC5
16
TX/RC6
17
U11
PIC16F1938
GND
VCC
PGC
PGD
VPP
C7
0.1uF
GND
EVAL_LED
VDD
VSS
R2097.6k 1%
LADJ
R30 NS/DNP
GND
GND
SW10
R37
NS/DNP
GND
TRANSMITTER OUTPUT POWER SELECTION
Transmitter Output Power Selection
BOARD CONTROL
MODE_SEL
TX_SEL
RNG_SEL
RX_SEL
CH_BD_CTL
ALL_EN
TR_CTL1
TR_CTL2
DATA_CTL1
DATA_CTL2
PROTO_LED
PDN
TX_LED
RX_LED
STDBY
ACTV_LED
PDN_LED
STBY_LED
GND
DACOUT/AN2/RA2
4
AN3/RA3
5
RA4
6
SS/AN4/RA5
7
VSS
8
OSC1/RA7
9
OSC2/RA6
10
RC0
11
RC1
12
RC2
13
RA0/AN0/SS
2
RA1/AN1
3
RB3/AN9
24
RB4/AN11
25
RB5/AN13
26
RB6/PGC
27
20
RB0/AN12/INT
21
RB1/AN10
22
RB2/AN8
23
RX/RC7
18
19
RB7/PGD
28
RE3/MCLR/VPP
1
SCL/SCK/RC3
14
SDA/SDI/RC4
15
SDO/RC5
16
TX/RC6
17
U11
PIC16F1938
GND
VCC
PGC
PGD
VPP
C7
0.1uF
GND
EVAL_LED
VDD
VSS
R2097.6k 1%
LADJ
R30 NS/DNP
GND
GND
SW10
R37
NS/DNP
GND
TRANSMITTER OUTPUT POWER SELECTION
Board Control
Figure 20: Board Control
14
15
Transceiver Area
1
2
J2
VCCM
VCC
IN
1
VCC
2
GND
3
NC
4
COM
5
NO
6
U4
MAX4544EUT
T/R_SEL_R
DATA_MT
GND
VCC
DATA_IN_R
DATA_OUT_R
GND
LED
GREEN
R18
620
D0
LED-0805-GRN
VCC
GND
GND
VCC
BUZZER
VCC
GND
GND
VCC
BUZZER
LED
LED
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = NS/DNP
BOARD B = 0 ohm
D3
D2
D1
D0
R0
R4
R2
R6
R3
R1
R5
R7
S0
S1
S2
S3
GND
BUZZER
B`
4
C
5
C`
6
GND
7
B
3
A`
2
A
1
E
11
F`
12
F
13
VCC
14
E`
10
D
9
D`
8
U3
CD4069UB
BZ1
AUD-S-BUZ-12MM-4K
R16
100K
R17
10k
C4
0.01uF
TRANSCEIVER AREA
RANGE TEST AREA
GND
VCCM
+
C2
10uF
GND
GND
GND
VCC
GND
J1
PWRJACK
D1
B1
SW1
Vin
1
Vout
3
U1
AP1117E50G-13
+
C1
220uF
POWER AREA
HEADER SECTION
GND
1
2
J7
GND
GND
CD_IN
CD_OUT
CD_BAUD
TRPT/PKT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J6
CD_TYPE
VCC
GND
1
2
3
4
5
J8
1
TP1
TEST POINT
VCC
1
TP2
TEST POINT
GND
S1
1
G1
2
D2
3
S2
4
G2
5
D1
6
U10
DMG1016V
GND
VCCM
VCC2
R24
10K
R27
100k
PDN
D10
GND
GND
GND
GND
D3
D2
D1
D0
GND
GND
GND
T/R_SEL_R
DATA_MT
GND
GND
GND
VCC
1
D6
2
D7
3
CRT/LRN
4
ENC_SEL
5
SER_IO
6
CONFIRM
7
TR_PDN
8
TR_SEL
9
TR_DATA
10
D0
11
D1
12
D2
13
MODE_IND
14
SEL_BAUD
15
LATCH
16
D3
17
D4
18
D5
19
GND
20
U2
LICAL-TRC-MT
R8
100K
R9
100K
R10
100K
R11
100K
R12
100K
R14
100K
R15
100K
BLUE
R13
200 ohm
VCC
C12
0.1uF
GND
GND
VCC
R32
0 ohm
R31
NS/DNP
SW11
SW-SMT-SPDT
VCC
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = 0 ohm
BOARD B = NS/DNP
R33
R34
VCC2
RDY
R2091k1%
LADJ
R30 NS/DNP
GND
GND
SW10
R37
NS/DNP
GND
SW9
MODE_SEL
GND
VCC
VCC
GND
DATA_OUT_P
DATA_IN_P
RDY
T/R_SEL_P
PDN
STDBY
CS0_P
CS1_P
CS2_P
BAUD0_P
BAUD1_P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TS1
RSSI_P
1
TP5
TEST POINT
GND
GND
GND
GND
GND
GND
GND
GND
VCCM
BAUD1
RSSI
STDBY
CD_IN
CD_OUT
CD_TYPE
CD_BAUD
DATA_OUT
DATA_IN
PDN
CS1
CS2
LADJ
RDY
T/R_SEL
BAUD0
CS0
TRPT/PKT
RF
1
ANT1
CONREVSMA001
GND
GND
GND
GND
GND
GND
R21
100K
R22
100K
NC0
NC
2
GND
3
NC
4
NC
5
GND
6
NC
7
TRPT/PKT
9
CHN_SEL0
10
GND
11
T/R_SEL
18
BAUD0
19
RSSI
21
GND
22
GND
23
POWER_DOWN
24
VCC
25
STANDBY
26
CMD_DATA_IN
27
CHN_SEL1
12
GND
17
CHN_SEL2
13
LVL_ADJ
14
READY
15
NC
16
NC
8
BAUD1
20
GND
1
GND
28
CMD_DATA_OUT
29
CMD_DATA_TYPE
30
CMD_DATA_BAUD
31
NC
32
NC
33
GND
34
NC
35
NC
36
DATA_OUT
37
DATA_IN
38
GND
39
NC
40
NC
41
GND
42
ANTENNA
43
GND
44
TR1
TRM-XXX-NT
VCC2
VCC2
R36
100K
VCC
R35
2.2K
GND
C13
0.01uF
C14
100pF
GND
GND
R43
100K
VCC2
Header Section
1
2
J2
VCCM
VCC
IN
1
VCC
2
GND
3
NC
4
COM
5
NO
6
U4
MAX4544EUT
T/R_SEL_R
DATA_MT
GND
VCC
DATA_IN_R
DATA_OUT_R
GND
LED
GREEN
R18
620
D0
LED-0805-GRN
VCC
GND
GND
VCC
BUZZER
VCC
GND
GND
VCC
BUZZER
LED
LED
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = NS/DNP
BOARD B = 0 ohm
D3
D2
D1
D0
R0
R4
R2
R6
R3
R1
R5
R7
S0
S1
S2
S3
GND
BUZZER
B`
4
C
5
C`
6
GND
7
B
3
A`
2
A
1
E
11
F`
12
F
13
VCC
14
E`
10
D
9
D`
8
U3
CD4069UB
BZ1
AUD-S-BUZ-12MM-4K
R16
100K
R17
10k
C4
0.01uF
TRANSCEIVER AREA
RANGE TEST AREA
GND
VCCM
+
C2
10uF
GND
GND
GND
VCC
GND
J1
PWRJACK
D1
B1
SW1
Vin
1
Vout
3
U1
AP1117E50G-13
+
C1
220uF
POWER AREA
HEADER SECTION
GND
1
2
J7
GND
GND
CD_IN
CD_OUT
CD_BAUD
TRPT/PKT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J6
CD_TYPE
VCC
GND
1
2
3
4
5
J8
1
TP1
TEST POINT
VCC
1
TP2
TEST POINT
GND
S1
1
G1
2
D2
3
S2
4
G2
5
D1
6
U10
DMG1016V
GND
VCCM
VCC2
R24
10K
R27
100k
PDN
D10
GND
GND
GND
GND
D3
D2
D1
D0
GND
GND
GND
T/R_SEL_R
DATA_MT
GND
GND
GND
VCC
1
D6
2
D7
3
CRT/LRN
4
ENC_SEL
5
SER_IO
6
CONFIRM
7
TR_PDN
8
TR_SEL
9
TR_DATA
10
D0
11
D1
12
D2
13
MODE_IND
14
SEL_BAUD
15
LATCH
16
D3
17
D4
18
D5
19
GND
20
U2
LICAL-TRC-MT
R8
100K
R9
100K
R10
100K
R11
100K
R12
100K
R14
100K
R15
100K
BLUE
R13
200 ohm
VCC
C12
0.1uF
GND
GND
VCC
R32
0 ohm
R31
NS/DNP
SW11
SW-SMT-SPDT
VCC
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = 0 ohm
BOARD B = NS/DNP
R33
R34
VCC2
RDY
R2091k1%
LADJ
R30 NS/DNP
GND
GND
SW10
R37
NS/DNP
GND
SW9
MODE_SEL
GND
VCC
VCC
GND
DATA_OUT_P
DATA_IN_P
RDY
T/R_SEL_P
PDN
STDBY
CS0_P
CS1_P
CS2_P
BAUD0_P
BAUD1_P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TS1
RSSI_P
1
TP5
TEST POINT
GND
GND
GND
GND
GND
GND
GND
GND
VCCM
BAUD1
RSSI
STDBY
CD_IN
CD_OUT
CD_TYPE
CD_BAUD
DATA_OUT
DATA_IN
PDN
CS1
CS2
LADJ
RDY
T/R_SEL
BAUD0
CS0
TRPT/PKT
RF
1
ANT1
CONREVSMA001
GND
GND
GND
GND
GND
GND
R21
100K
R22
100K
NC0
NC
2
GND
3
NC
4
NC
5
GND
6
NC
7
TRPT/PKT
9
CHN_SEL0
10
GND
11
T/R_SEL
18
BAUD0
19
RSSI
21
GND
22
GND
23
POWER_DOWN
24
VCC
25
STANDBY
26
CMD_DATA_IN
27
CHN_SEL1
12
GND
17
CHN_SEL2
13
LVL_ADJ
14
READY
15
NC
16
NC
8
BAUD1
20
GND
1
GND
28
CMD_DATA_OUT
29
CMD_DATA_TYPE
30
CMD_DATA_BAUD
31
NC
32
NC
33
GND
34
NC
35
NC
36
DATA_OUT
37
DATA_IN
38
GND
39
NC
40
NC
41
GND
42
ANTENNA
43
GND
44
TR1
TRM-XXX-NT
VCC2
VCC2
R36
100K
VCC
R35
2.2K
GND
C13
0.01uF
C14
100pF
GND
GND
R43
100K
VCC2
Figure 22: Transceiver Area
Figure 23: Header Section
Figure 21: Transmitter Output Power Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com