Electronic Components Datasheet Search
  English  ▼

X  

MDEV-868-NT Datasheet(PDF) 2 Page - Linx Technologies

Part # MDEV-868-NT
Description  868MHz NT Series Master Development System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-NT Datasheet(HTML) 2 Page - Linx Technologies

  MDEV-868-NT Datasheet HTML 1Page - Linx Technologies MDEV-868-NT Datasheet HTML 2Page - Linx Technologies MDEV-868-NT Datasheet HTML 3Page - Linx Technologies MDEV-868-NT Datasheet HTML 4Page - Linx Technologies MDEV-868-NT Datasheet HTML 5Page - Linx Technologies MDEV-868-NT Datasheet HTML 6Page - Linx Technologies MDEV-868-NT Datasheet HTML 7Page - Linx Technologies MDEV-868-NT Datasheet HTML 8Page - Linx Technologies MDEV-868-NT Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Table of Contents
1
Introduction
2
Ordering Information
2
NT Series Transceiver Development Board
2
Board Objects
3
Initial Setup
3
Troubleshooting
4
The Prototyping Area
5
The TX Power Select Switch
5
The Transceiver Area
6
The Power Area
6
The Evaluation Area
8
The Range Test Area
9
The PC Control Area
10
The PC Software
13
Using the Boards as a Design Reference
13
About Antennas
14
Board Control
14
Transmitter Output Power Selection
15
Transceiver Area
15
Header Section
16
Range Test Area
16
Power Area
17
Evaluation Area
17
LEDs
18
Single Routing
19
Online Resources
Warning: Some customers may want Linx radio frequency (“RF”)
products to control machinery or devices remotely, including machinery
or devices that can cause death, bodily injuries, and/or property
damage if improperly or inadvertently triggered, particularly in industrial
settings or other applications implicating life-safety concerns (“Life and
Property Safety Situations”).
NO OEM LINX REMOTE CONTROL OR FUNCTION MODULE
SHOULD EVER BE USED IN LIFE AND PROPERTY SAFETY
SITUATIONS. No OEM Linx Remote Control or Function Module
should be modified for Life and Property Safety Situations. Such
modification cannot provide sufficient safety and will void the product’s
regulatory certification and warranty.
Customers may use our (non-Function) Modules, Antenna and
Connectors as part of other systems in Life Safety Situations, but
only with necessary and industry appropriate redundancies and
in compliance with applicable safety standards, including without
limitation, ANSI and NFPA standards. It is solely the responsibility
of any Linx customer who uses one or more of these products to
incorporate appropriate redundancies and safety standards for the Life
and Property Safety Situation application.
Do not use this or any Linx product to trigger an action directly
from the data line or RSSI lines without a protocol or encoder/
decoder to validate the data. Without validation, any signal from
another unrelated transmitter in the environment received by the
module could inadvertently trigger the action.
All RF products are susceptible to RF interference that can prevent
communication. RF products without frequency agility or hopping
implemented are more subject to interference. This module does not
have a frequency hopping protocol built in.
Do not use any Linx product over the limits in this data guide.
Excessive voltage or extended operation at the maximum voltage could
cause product failure. Exceeding the reflow temperature profile could
cause product failure which is not immediately evident.
Do not make any physical or electrical modifications to any Linx
product. This will void the warranty and regulatory and UL certifications
and may cause product failure which is not immediately evident.
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com