Electronic Components Datasheet Search
  English  ▼

X  

ALD2724EPB Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2724EPB
Description  DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2724EPB Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD2724EPB Datasheet HTML 2Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 3Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 4Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 5Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 6Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 7Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 8Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 9Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Advanced Linear Devices
ALD2724E/ALD2724
TYPICAL PERFORMANCE CHARACTERISTICS
CHANGE IN INPUT OFFSET VOLTAGE AS
A FUNCTION OF CHANGE IN VE1 AND VE2
0
0.5
1.0
1.5
2.0
2.5
3.0
-10
-8
-6
-4
-2
0
2
4
6
8
10
VE2
VE1
CHANGE IN VE1 AND VE2 (V)
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
1000
100
10
0.1
1.0
100
-25
0
75
125
50
25
-50
VS = ±5.0V
10000
OPEN LOOP VOLTAGE AS A FUNCTION
OF FREQUENCY
FREQUENCY (Hz)
1
10
100
1K
10K
1M
10M
100K
120
100
80
60
40
20
0
-20
90
0
45
180
135
VS = ±5.0V
TA = 25°C
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±2
±3
±4
±5
±6
±7
TA = 25°C
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
RL = 10KΩ
RL = 5KΩ
} -55
°C
} +25
°C
} +125
°C
±8
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
0
±1
±2
±3
±4
±5
±6
INPUTS GROUNDED
OUTPUT UNLOADED
+80
°C
+25
°C
TA = -55°C
-25
°C
±7
1
2
3
4
5
6
7
8
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com