Electronic Components Datasheet Search
  English  ▼

X  

ALD2724EPB Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD2724EPB
Description  DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2724EPB Datasheet(HTML) 7 Page - Advanced Linear Devices

Back Button ALD2724EPB Datasheet HTML 2Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 3Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 4Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 5Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 6Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 7Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 8Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 9Page - Advanced Linear Devices ALD2724EPB Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ALD2724E/ALD2724
Advanced Linear Devices
7
TYPICAL PERFORMANCE CHARACTERISTICS
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
TOTAL INPUT OFFSET VOLTAGE (
µV)
100
80
60
40
20
0
DISTRIBUTION OF TOTAL INPUT OFFSET VOLTAGE
BEFORE AND AFTER EPAD PROGRAMMING
EXAMPLE B:
VOST AFTER EPAD
PROGRAMMING
VOST TARGET = -750µV
EXAMPLE A:
VOST AFTER EPAD
PROGRAMMING
VOST TARGET = 0.0µV
VOST BEFORE EPAD
PROGRAMMING
OPEN LOOP VOLTAGE GAIN AS A
FUNCTION OF LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
1K
10K
1000K
100K
1000
100
10
1
VS = ±5.0V
TA = 25°C
LARGE - SIGNAL TRANSIENT
RESPONSE
VS = ±5.0V
TA = 25°C
RL = 1KΩ
CL = 50pF
5V/div
5V/div
2
µs/div
SMALL - SIGNAL TRANSIENT
RESPONSE
VS = ± 5.0V
TA = 25°C
RL = 1.0KΩ
CL = 50pF
100mV/div
50mV/div
1
µs/div
RL = 10KΩ
OUTPUT VOLTAGE SWING AS A
FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±3
0
±1
±2
±3
±4
±5
±6
±7
RL = 2KΩ
±6
±5
±4
±2
±7
±25°C ≤ TA ≤ 125°C
RL = 10KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com