Electronic Components Datasheet Search
  English  ▼

X  

M63013 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M63013
Description  SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63013 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M63013 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
M63013FP
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
(
/
17)
Preliminary
MITSUBISHI SEMICONDUCTORS
REV990607
5
[ELECTRICAL CHARACTERISTICS]
Vdyc1
Vdead1-
V
Vin1
V
mV
SYMBOL
PARAMETER
Dynamic range of output
CONDITIONS
LIMITS
MIN
TYP
MAX
Unit
Control voltage input range 1
Control voltage dead zone 1
SPIN
10.8
10.3
0
Spindle
Gvo1
V/V
1.0
1.15
Control gain 1
Gio1=Gvo1/ Rs [A/V]
Vlim1F
V
0.6
Control limit 1F
VHmin
mVp-p
VHB
V
HB output voltage
IHB
mA
30
HB terminal sink current
0.85
0.4
VHcom
V
common mode input range
Hall sensor amp.
input signal level
Hall sensor amp.
mV
+80
Vdead1+
SPIN<REF
REF<SPIN
-40
+40
-80
0
Ilim1F=Vlim1F/ Rs [A]
0.5
3.7
1.3
60
at Load current (IHB)=10mA
1.2
0.6
0.85
[REVERSE]
[FORWARD]
Io=0.5 [A]
5
0
Hu+,Hu-,Hv+,Hv-,Hw+ ,Hw-
Hu+,Hu-,Hv+,Hv-,Hw+ ,Hw-
(Ta=25ºC, 5VCC=VM4=5V,VM1=VM23=12V unless otherwise noted.)
Vdead2-
V
Vin2
V
mV
SYMBOL
PARAMETER
CONDITIONS
LIMITS
MIN
TYP
MAX
Unit
Control voltage input range 2
Control voltage dead zone 2
SLIN
0
Slide
Gvo2
V/V
1.0
1.15
Control gain 2
Gio2=Gvo2/ Rs [A/V]
Vlim2
V
0.58
Control limit 2
Tdon
µsec
Output turn-on delay
Tdoff
µsec
Output turn-off delay
0.85
0.43
mV
+80
Vdead2+
SLIN < REF
REF < SLIN
-40
+40
-80
0
Ilim2=Vlim2/ Rs [A]
0.5
2.0
1.0
Tdsw
Output switching delay
7.0
3.5
Ileak
µA
100
Output leak current
MU1=MU2=5v,MU1=MU2=0v
-100
µsec
10.0
5.0
0
Vdyc2
Dynamic range of output
Io=0.5 [A]
(Ta=25ºC, 5VCC=VM4=5V,VM1=VM23=12V unless otherwise noted.)
5
MU1=MU2=0V or MU1=MU2=5V or
MU1=5V/MU2=0V
at VM23=5[V]
at VM23=12[V]
10.8
10.3
3.8
3.3
[REVERSE]
[FORWARD]
Vlim1R
Control limit 1R
Ilim1R=Vlim1R/ Rs [A]
V
0.41
0.27
0.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com