Electronic Components Datasheet Search
  English  ▼

X  

M63013 Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M63013
Description  SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63013 Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M63013 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M63013 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
M63013FP
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
(
/
17)
Preliminary
MITSUBISHI SEMICONDUCTORS
REV990607
The relationship between hall-amplifier-input and output-current-commutation at SPINDLE DRIVE
The relationship between the hall elements and the motor output current is shown in bellow Figure.
PWM carrier frequency setting
PWM carrier frequency is decided by charging and discharging the capacitor that is connected to OSC terminal
outer IC. Examination of the relationship the capacitor connected to OSC terminal and PWM carrier frequency
is given in following table.
Capacitor [pF]
330
220
65
90
130
140
Carrier Frequency [KHz]
110
160
*note) This PWM carrier frequency is TYP value.
Hw+
Hv+
Hu+
U
W
V
U
W
V
U
W
V
Output
current
+
0
-
Hall
input
U
V
W
U
V
W
V
U
W
FORWARD
SPIN > REF
REVERSE
SPIN < REF
Outer roter
Hall elements
13
180
110
Recommendation of SHORT BRAKE MODE at SPINDLE DRIVE
This IC has two brake mode, PWM-BRAKE-MODE and SHORT-BRAKE-MODE. In this IC recommendation, SHORT-
BRAKE-MODE is superior to PWM-BRAKE-MODE to reducing the power dissipation and to avoid braking down of this IC.
(By excessive reverse torque current in braking a motor with PWM-BRAKE from high-speed-rotation with being excessive
Back-EMF, this IC could be broken.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com