Electronic Components Datasheet Search
  English  ▼

X  

MAX11162 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11162
Description  16-Bit, 500ksps, 5V Unipolar Input, SAR ADC, in Tiny 10-Pin 關MAX
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11162 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11162 Datasheet HTML 1Page - Maxim Integrated Products MAX11162 Datasheet HTML 2Page - Maxim Integrated Products MAX11162 Datasheet HTML 3Page - Maxim Integrated Products MAX11162 Datasheet HTML 4Page - Maxim Integrated Products MAX11162 Datasheet HTML 5Page - Maxim Integrated Products MAX11162 Datasheet HTML 6Page - Maxim Integrated Products MAX11162 Datasheet HTML 7Page - Maxim Integrated Products MAX11162 Datasheet HTML 8Page - Maxim Integrated Products MAX11162 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500ksps, VREF = 5V; TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 2)
Maxim Integrated │ 4
MAX11162
16-Bit, 500ksps, +5V Unipolar Input,
SAR ADC, in Tiny 10-Pin µMAX
www.maximintegrated.com
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL OUTPUT (SDO)
Output Voltage High
VOH
ISOURCE = 2mA
VOVDD
- 0.4
V
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
Three-State Leakage Current
-10
+10
µA
Three-State Output Capacitance
15
pF
TIMING (Note 8)
Time Between Conversions
tCYC
2
µs
Conversion Time
tCONV
CNVST rising to data available
1.3
1.5
µs
Acquisition Time
tACQ
tACQ = tCYC - tCONV
0.5
µs
CNVST Pulse Width
tCNVPW CS mode
5
ns
SCLK Period (CS Mode)
tSCLK
VOVDD > 4.5V
14
ns
VOVDD > 2.7V
20
VOVDD > 2.3V
25
SCLK Period (Daisy-Chain Mode)
tSCLK
VOVDD > 4.5V
16
ns
VOVDD > 2.7V
24
VOVDD > 2.3V
30
SCLK Low Time
tSCLKL
6
ns
SCLK High Time
tSCLKH
6
ns
SCLK Falling Edge to Data Valid
Delay
tDSDO
VOVDD > 4.5V
12
ns
VOVDD > 2.7V
18
VOVDD > 2.3V
23
CNVST Low to DOUT D15 MSB
Valid (CS Mode)
tEN
VOVDD > 2.7V
14
ns
VOVDD < 2.7V
18
CNVST High or SDI High or Last
SCLK Falling Edge to SDO High
Impedance
tDIS
CS mode
20
ns
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com